Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525H Datasheet(PDF) 34 Page - Siemens Semiconductor Group

Part # SAB82525H
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525H Datasheet(HTML) 34 Page - Siemens Semiconductor Group

Back Button SAB82525H Datasheet HTML 30Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 31Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 32Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 33Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 34Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 35Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 36Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 37Page - Siemens Semiconductor Group SAB82525H Datasheet HTML 38Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
SAB 82525
SAB 82526
SAF 82525
SAF 82526
Semiconductor Group
34
901.90
3.2 Half-Duplex SDLC-NRM Operation
The LAP controllers of the two serial channels can be configured to function in a half-duplex
Normal Response Mode (NRM), where they will operate as a slave (secondary) station, by
setting the NRM bit in the XBCH register of the respective channel.
In contrast to the full-duplex LAPB/LAPD operation, where the combined (primary +
secondary) station transmits both commands and responses and may transmit data at any
time, the NRM mode allows only responses to be transmitted and the secondary station may
transmit only when instructed to do so by the master (primary) station.
The HSCX gets the permission to transmit a frame from the primary by an S-, or I-frame with
the poll bit (p) set!
The NRM mode can be profitably used in a point-to-multipoint configuration with a fixed
master-slave relationship and avoids collisions on the common transmit line. It’s the
responsibility of the master station to poll the slaves periodically and to process the error
recovery.
Prerequisite for NRM operation is:
MODE: MDS0, MDS1, ADM = 000
MODE: TDM = 0
XAD1 = XAD2 = RAL1 = RAL2
(address of secondary)
Note: The broadcast address may be programmed in RAL2 if broadcasting is required.
Reception of Frames
The reception of frames functions equally to the LAPB/LAPD operation.
Transmission of Frames
The HSCX does not transmit S-, or I-frames if not instructed to do so by the primary station
sending an S-, or I-frame with the poll bit set.
The HSCX can be prepared to send an I-frame by the CPU issuing an XIF command (via
CMDR) at any time. The transmission of the frame, however, will not be initiated by the HSCX
prior to the reception of either a
RR, or
I-frame
with a poll bit set (p = 1).
After the frame has been transmitted (with the final bit set), the XFIFO is inhibited and the
HSCX waits for the arrival of a positive acknowledgement.
auto-mode with 8-bit address field selected
external timer mode
same transmit and receive addresses, since only responses can be transmitted, i.e.


Similar Part No. - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82525H INFINEON-SAB82525H Datasheet
730Kb / 126P
   Data Communications ICs
10.94
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
More results

Similar Description - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
logo
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
logo
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
logo
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com