Electronic Components Datasheet Search |
|
SAB82525N Datasheet(PDF) 21 Page - Siemens Semiconductor Group |
|
SAB82525N Datasheet(HTML) 21 Page - Siemens Semiconductor Group |
21 / 126 page Semiconductor Group 21 82525 82526 82525 82526 SAB SAB SAF SAF The four selector channels of ADMA are used for serving the four DMA request sources of HSCX, allowing very high data rates at both the system bus and the serial channels. Another big advantage of the ADMA is it’s data chaining feature, providing an optimized memory management for receive and transmit data. Recording the HSCX, a linked chain of 32 byte deep buffers can be set up, which are subsequently filled with the contents of the HSCX’s FIFOs during reception. Not used buffers can be saved and linked to another buffer chain reserved for the reception of the next frame. As a result, it’s not necessary to reserve a very large space in system memory, determined by the maximum frame length of every received frame. In this example, the ADMA works directly at the CPU’s local bus and shares the same bus interface logic (address latches, transceivers, bus controller) with the SAB 80186. Since one DMA acknowledge line is provided for each DMA request, two DACK outputs must be ANDed together for input to the HSCX. The HSCX’s data lines are connected to the lower half of the system data bus (D0 … D7) and the address lines to A1 … A7, thus (from the CPU’s point of view) all internal register addresses must be multiplied by two (even register addresses only). e.g. CMDR register: HSCX address 61H < = > system address C2H. 1.3 Functional Description General The HSCX distinguishes from other low level HDLC devices by its advanced characteristics. The most important are: Beyond the point-to-point configurations, the HSCX directly enables point-to-multipoint or multimaster configurations without additional hardware or software expense. In point-to-multipoint configurations, the HSCX can be used as a master as well as a slave station. Even when working as slave station, the HSCX can initiate the transmission of data at any time. An internal function block provides means of idle and collision detection and collision resolution, which are necessary if several stations start transmitting simultaneously. These features were integrated to support multimaster configurations. Enlarged support of link configurations. |
Similar Part No. - SAB82525N |
|
Similar Description - SAB82525N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |