Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525N Datasheet(PDF) 88 Page - Siemens Semiconductor Group

Part # SAB82525N
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525N Datasheet(HTML) 88 Page - Siemens Semiconductor Group

Back Button SAB82525N Datasheet HTML 84Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 85Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 86Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 87Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 88Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 89Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 90Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 91Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 92Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
Semiconductor Group
88
SAB 82525
SAB 82526
SAF 82525
SAF 82526
XTF … Transmit Transparent Frame
Interrupt mode
After having written up to 32 bytes the XFIFO, this command initiates the transmission of a
transparent frame. An opening flag sequence is automatically added to the data by the
HSCX.
DMA mode
After having written the length of the frame to be transmitted to the XBCH, XBCL registers,
this command initiates the data transfer from system memory to HSCX by DMA. Serial data
transmission starts as soon as 32 bytes are stored in the XFIFO.
XIF … Transmit I-Frame (used in auto-mode only!)
Initiates the transmission of an I-frame in auto-mode. Additional to the opening flag
sequence, the address and control field of the frame is automatically added by HSCX.
XME … Transmit Message End (used in interrupt mode only!)
Indicates, that the data block written last to the transmit FIFO completes the actual frame.
The HSCX can terminate the transmission operation properly by appending the CRC and
the closing flag sequence to the data.
XRES … Transmit Reset
The contents of the XFIFO is deleted and IDLE is transmitted. This command can be used
by the CPU to abort a frame currently in transmission. After setting XRES an XPR interrupt
is generated in every case.
In DMA mode, the end of the frame is determined by the transmit byte count in XBCH,
XBCL! This bit must not be set in DMA mode.
STI … Start Timer
The internal timer is started.
Note: The timer is stopped by rewriting the TIMR register after start.


Similar Part No. - SAB82525N

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
More results

Similar Description - SAB82525N

ManufacturerPart #DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
List of Unclassifed Manufacturers
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
Prosoft-Technology
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
PMC-Sierra, Inc
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
STMicroelectronics
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
NXP Semiconductors
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
Silicon Laboratories
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
Prosoft-Technology
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
List of Unclassifed Manufacturers
List of Unclassifed Man...
HC-12 ETC1-HC-12 Datasheet
287Kb / 10P
   Wireless Serial Port Communication Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com