Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525N Datasheet(PDF) 69 Page - Siemens Semiconductor Group

Part No. SAB82525N
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525N Datasheet(HTML) 69 Page - Siemens Semiconductor Group

Back Button SAB82525N Datasheet HTML 65Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 66Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 67Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 68Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 69Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 70Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 71Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 72Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 73Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
Semiconductor Group
69
SAB 82525
SAB 82526
SAF 82525
SAF 82526
7
Operational Description
7.1 RESET
The HSCX is forced into the reset state if a high signal is input to the RES pin for a minimum
period of 1.8
µs. During RESET, the HSCX is temporarily in the power-up mode, and a subset
of the registers is initialized with defined values.
After RESET, the HSCX is in power down mode, and the following registers contain defined
values:
Table 7
RESET Values
Register
RESET
Value
Meaning
CCR1
00H
– power down mode
serial port configuration; pt-pt, NRZ coding, transmit data pins
are open drain outputs
– clock mode 0
CCR2
00H
RTS pin normal function
– CTS and RFS interrupts disabled no data inversion
MODE
00H
auto-mode
1 byte address field
external timer mode
– receivers inactive
RTS output controlled by HSCX, timer resolution:
k = 32.768, no testloop
STAR
48H
XFIFO write enable
receive line inactive
no commands executing
ISTA
EXIR
00H
– no interrupts masked
CMDR
00H
no commands
XBCH
RBCH
00H
– interrupt controlled data transfer (DMA disabled)
– full-duplex LAPB/LAPD operation of LAP controller
– carrier detect auto start of receiver disabled
XCCR
RCCR
00H
1-bit time-slot


Similar Part No. - SAB82525N

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
More results

Similar Description - SAB82525N

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
List of Unclassifed Manufacturers
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
Prosoft-Technology
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
PMC-Sierra, Inc
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
STMicroelectronics
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
NXP Semiconductors
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
Silicon Laboratories
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
Prosoft-Technology
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
List of Unclassifed Manufacturers
List of Unclassifed Man...
HC-12 ETC1-HC-12 Datasheet
287Kb / 10P
   Wireless Serial Port Communication Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz