Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525N Datasheet(PDF) 66 Page - Siemens Semiconductor Group

Part No. SAB82525N
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525N Datasheet(HTML) 66 Page - Siemens Semiconductor Group

Back Button SAB82525N Datasheet HTML 62Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 63Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 64Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 65Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 66Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 67Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 68Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 69Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 70Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
Semiconductor Group
66
SAB 82525
SAB 82526
SAF 82525
SAF 82526
SAB 82525
SAB 82526
SAF 82525
SAF 82526
6.3 Continuous Transmission (DMA Mode only)
If data transfer from system memory to the HSCX is done by DMA (DMA bit in XBCH set), the
number of bytes to be transmitted is usually defined via the Transmit Byte Count registers
(XBCH, XBCL : bits XBC11. . .XBC0).
Setting the "Transmit Continuously" (XC) bit in XBCH, however, the byte count value is ignored
and the DMA interface of the HSCX will continuously request for transmit data any time
32 bytes can be stored in the XFIFO.
This feature can be used e.g. to
Note: If the XC bit is reset during continuous transmission, the transmit byte count becomes
valid again, and the HSCX will request the amount of DMA transfers programmed via
XBC11. . .XBC0. Otherwise the continuous transmission is stopped when a data
underrun condition occurs in the XFIFO, i.e. the DMA controller does not transfer further
data to the HSCX. In this case continuous ’1’-s (IDLE), without appending a CRC, are
transmitted.
1)
The frame length includes all bytes which are stored in the RFIFO.
6.4 Receive Length Check Feature
The HSCX offers the possibility to supervise the maximum length of received frames and to
terminate data reception in case this length is exceeded.
This feature is controlled via the special Receive Length Check Register (RLCR).
The function is enabled by setting the RC (Receive Check) bit in RLCR and programming the
maximum frame length via bits RL6. . .RL01).
According to the value written to RL6. . .RL0, the maximum receive length can be adjusted in
multiples of 32-byte blocks as follows:
MAX. LENGTH = (RL + 1)
× 32.
All frames exceeding this length are treated as if they have been aborted from the opposite
station, i.e. the CPU is informed via a
– RME interrupt, and the
– RAB bit in RSTA register is set!
To distinguish between frames really aborted from the opposite station, the receive byte count
(readable from RBCH, RBCL registers) exceeds the maximum receive length (via RL6. . .RL0)
by one or two bytes in this case.
The check includes all data that is copied into the RFIFO. It does not include the address byte
(s) if address recognition is selected. It includes the RSTA value in all operating modes.
continuously transmit voice or data onto a PCM highway (clock mode 5/extended
transparent mode), or to
transmit frames exceeding the byte count programmable via XBCH, XBCL (frames with
more than 4095 bytes).


Similar Part No. - SAB82525N

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
More results

Similar Description - SAB82525N

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
List of Unclassifed Manufacturers
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
Prosoft-Technology
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
PMC-Sierra, Inc
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
STMicroelectronics
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
NXP Semiconductors
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
Silicon Laboratories
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
Prosoft-Technology
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
List of Unclassifed Manufacturers
List of Unclassifed Man...
HC-12 ETC1-HC-12 Datasheet
287Kb / 10P
   Wireless Serial Port Communication Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz