Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525N Datasheet(PDF) 40 Page - Siemens Semiconductor Group

Part No. SAB82525N
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525N Datasheet(HTML) 40 Page - Siemens Semiconductor Group

Back Button SAB82525N Datasheet HTML 36Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 37Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 38Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 39Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 40Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 41Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 42Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 43Page - Siemens Semiconductor Group SAB82525N Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Semiconductor Group
40
SAB 82525
SAB 82526
SAF 82525
SAF 82526
Five interrupt indications can be read directly from the ISTA register and another six interrupt
indications from the extended interrupt register (EXIR).
After the HSCX has requested an interrupt by setting its INT pin to low, the CPU must first read
the interrupt status register of channel B (ISTA-B) in the associated interrupt service routine.
The three lowest order bits (bit 2-0) of ISTA-B (ICA, EXA, EXB) point are set to those registers
in which the actual interrupt source is indicated. It is possible that several interrupt sources are
indicated referring to one interrupt request (e.g. if the ICA bit is set, at least one interrupt is
indicated in the ISTA register of channel A).
An interrupt source from channel B is implicitly indicated by bits 7-3 of ISTA-B; therefore these
bits must also always be checked.
The INT pin of the HSCX remains active until all interrupt sources are cleared by reading the
corresponding interrupt register. Therefore it is possible that the INT pin is still active when the
interrupt service routine is finished.
For some interrupt controllers or CPUs it might be necessary to generate a new edge on the
interrupt line to recognize pending interrupts. This can be done by masking all interrupts at the
end of the interrupt service routine (writing FFH into the MASK register) and write back the old
mask to the MASK register.
The HSCX interrupt sources can be logically grouped into
– receive interrupts,
– transmit interrupts, and
– special condition interrupts.
Each interrupt indication of the ISTA registers can be selectively masked by setting the
respective bit in the MASK register.
The following tables give a complete overview of the individual interrupt indications and the
cause of their activation as well as specific restrictions (marked with ’’*’’).


Similar Part No. - SAB82525N

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
More results

Similar Description - SAB82525N

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
List of Unclassifed Manufacturers
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
Prosoft-Technology
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
PMC-Sierra, Inc
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
STMicroelectronics
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
NXP Semiconductors
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
Silicon Laboratories
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
Prosoft-Technology
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
List of Unclassifed Manufacturers
List of Unclassifed Man...
HC-12 ETC1-HC-12 Datasheet
287Kb / 10P
   Wireless Serial Port Communication Module
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz