Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525N-V21 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # SAB82525N-V21
Description  High-Level Serial Communication
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525N-V21 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button SAB82525N-V21 Datasheet HTML 8Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 9Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 10Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 11Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 12Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 13Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 14Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 15Page - Siemens Semiconductor Group SAB82525N-V21 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
Semiconductor Group
12
82525
82526
82525
82526
SAB
SAB
SAF
SAF
Pin Definitions and Functions (cont’d)
Pin No.
Symbol
Input (I)
Output (O)
Function
18
IM1
I
Input Mode 1
Connecting this pin to either VSS or VDD the bus interface can
be
adapted
to
either
Siemens/Intel
or
Motorola
environment.
IM1 = LOW:
Intel bus mode
IM1 = HIGH:
Motorola bus mode
19
ALE/
IM0
I
Address Latch Enable (Intel bus mode)
A high on this line indicates an address on the external
address/data bus, which will select one of the HSCX’s
internal registers. The address is latched by the HSCX with
the falling edge of ALE. This allows the HSCX to be directly
connected to a CPU with multiplexed address/data bus
compatible to SAB 82520 HSCC.
The address input pins A0-A6 must be externally
connected to the data bus pins (D0-D6 for 8-bit CPU’s, D1-
D7 for 16-bit CPU’s, i.e. multiply all internal register
addresses by 2).
This pin should be connected to high for a de-multiplexed
bus.
Input Mode 0, Motorola bus mode
In Motorola Bus Mode, the level at this pin determines the
function of the IC1 pin (see description of pin 6).
20
VSS
I
Ground
27
26
25
24
23
22
21
A0
A1
A2
A3
A4
A5
A6
I
Address Bus
These inputs interface with seven bits of the system’s
address bus to select one of the internal registers for read
or write.
They are usually connected at A0-A6 in 8-bit systems or at
A1-A7 in 16-bit systems.
23
24
25
32
31
30
29
28
27
26
P-LCC P-MQFP


Similar Part No. - SAB82525N-V21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
More results

Similar Description - SAB82525N-V21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Prosoft-Technology
MVI69L-MBS PROSOFT-MVI69L-MBS Datasheet
640Kb / 3P
   Modbus Serial Lite Communication Module
logo
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
   PMC520 Octal Serial 232 Communication
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
NXP Semiconductors
HEF4755V PHILIPS-HEF4755V Datasheet
93Kb / 12P
   Transceiver for serial data communication
January 1995
logo
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
logo
Prosoft-Technology
MVI69E-GSC PROSOFT-MVI69E-GSC Datasheet
357Kb / 2P
   Generic ASCII Serial Communication Module
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com