Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1202N14 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ACE1202N14
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1202N14 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ACE1202N14 Datasheet HTML 1Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 2Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 3Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 4Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 5Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 6Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 7Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 8Page - Fairchild Semiconductor ACE1202N14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
Preliminary ACE1202/ACE1202-2 AC Electrical Characteristics
VCC = 1.8/2.2/2.7 to 5.5V
All measurements valid for ambient operating temperature range unless otherwise stated.
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
5.0V at +25
°C
0.9
1.0
1.1
µs
internal clock - setpoint
Internal clock voltage dependent
3.0V to 5.5V,
+5
%
frequency variation
constant temperature
Internal clock temperature
3.0V to 5.5V,
+10
%
dependent frequency variation
full temperature range
Internal clock frequency
3.0V to 4.5V,
+2
%
deviation for 0.5V drop
constant temperature
Crystal oscillator frequency
(Note 6)
4
MHz
External clock frequency
(Note 7)
4
MHz
EEPROM write time
3
10
ms
Internal clock start up time
(Note 7)
2
ms
Oscillator start up time
(Note 7)
2400
cycles
6 The maximum permissible frequency is guaranteed by design but not 100% tested.
7 The parameter is guaranteed by design but not 100% tested.
Preliminary ACE1202/ACE1202-2 Electrical Characteristics for programming
All data following is valid between 4.5V and 5.5V at ambient temperature. The following charac-
teristics are guaranteed by design but are not 100% tested. See "EEPROM write time" in the AC
Electrical Characteristics for definition of the programming ready time.
Parameter
Description
MIN
MAX
Units
tHI
CLOCK high time
500
DC
ns
t
LO
CLOCK low time
500
DC
ns
tDIS
SHIFT_IN setup time
100
ns
t
DIH
SHIFT_IN hold time
100
ns
tDOS
SHIFT_OUT setup time
100
ns
t
DOH
SHIFT_OUT hold time
900
ns
tSV1, tSV2
LOAD supervoltage timing
50
µs
t
LOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
µs
VSUPERVOLTAGE
Supervoltage level
11.5
12.5
V


Similar Part No. - ACE1202N14

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1202N14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com