Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575T-5.0 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575T-5.0
Description  SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-5.0 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2575T-5.0 Datasheet HTML 30Page - Texas Instruments LM2575T-5.0 Datasheet HTML 31Page - Texas Instruments LM2575T-5.0 Datasheet HTML 32Page - Texas Instruments LM2575T-5.0 Datasheet HTML 33Page - Texas Instruments LM2575T-5.0 Datasheet HTML 34Page - Texas Instruments LM2575T-5.0 Datasheet HTML 35Page - Texas Instruments LM2575T-5.0 Datasheet HTML 36Page - Texas Instruments LM2575T-5.0 Datasheet HTML 37Page - Texas Instruments LM2575T-5.0 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2575HVMX-5.0
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575HVMX-5.0/NOPB
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575HVSX-15
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-15/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-3.3
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-3.3/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-5.0
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-5.0/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-ADJ
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-ADJ/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575MX-5.0
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575MX-5.0/NOPB
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1


Similar Part No. - LM2575T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575T-5.0 NSC-LM2575T-5.0 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 NSC-LM2575T-5.0 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com