Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12311 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC12311
Description  This section provides a simplified block diagram and highlights MC12311 features
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12311 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC12311 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12311 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© Freescale Semiconductor, Inc., 2006, 2007, 2008, 2009, 2010, 2011. All rights reserved.
Freescale Semiconductor
Advance Information
This document contains information on a product under development. Freescale reserves the right to change or discontinue this
product without notice.
Document Number: MC12311
Rev. 1.0 11/2011
MC12311
Package Information
Case nnnn-xx
LGA-60 [8x8 mm]
Ordering Information
Device
Device Marking
Package
MC12311
MC12311
LGA-60
1
Introduction
The MC12311 is a highly-integrated, cost-effective,
system-in-package (SIP), sub-1GHz wireless node
solution with an FSK, GFSK, MSK, or OOK
modulation-capable transceiver and low-power HCS08
8-bit microcontroller. The highly integrated RF
transceiver operates over a wide frequency range
including 315 MHz, 433 MHz, 470 MHz, 868 MHz, 915
MHz, 928 MHz, and 955 MHz in the license-free
Industrial, Scientific and Medical (ISM) frequency
bands. This configuration allows users to minimize the
use of external components.
The MC12311 is targeted for the following low-power
wireless applications:
Automated Meter Reading
Wireless Sensor Networks
Home and Building Automation
Wireless Alarm and Security Systems
Industrial Monitoring and Control
Wireless MBUS Standard (EN13757-4:2005)
MC12311
Highly-integrated, cost-effective
single-package solution for the
sub-1 GHz, Wireless MBUS
Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Software Solutions . . . . . . . . . . . . . . . . . . . . . 4
4 System-in-Package Sub-1 GHz Wireless Node 5
5 MC12311 Pin Assignments and Connections 8
6 System and Power Management . . . . . . . . 12
7 Development Environment . . . . . . . . . . . . . 14
8 System Electrical Specification . . . . . . . . . 14
9 Typical Applications Circuit . . . . . . . . . . . . 34
10 Mechanical Drawings . . . . . . . . . . . . . . . . . 37


Similar Part No. - MC12311

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
More results

Similar Description - MC12311

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
ARTIK530 SAMSUNG-ARTIK530 Datasheet
1Mb / 75P
   BLOCK DIAGRAM AND MODULE FEATURES
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Altera Corporation
EP3C55F780I7 ALTERA-EP3C55F780I7 Datasheet
7Mb / 274P
   This section provides a complete overview of all features relating to the Cyclone III device family
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Infineon Technologies A...
NGC1081 INFINEON-NGC1081 Datasheet
373Kb / 32P
   This section provides the pin description of NGC1081.
Rev. 1.0 20223-02-16
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
Motorola, Inc
MPC555 MOTOROLA-MPC555 Datasheet
171Kb / 12P
   This document provides an overview of the MPC555 microcontroller, including a block diagram showing the major modular components and sections that lis
logo
Altera Corporation
EP4SE360F35I4 ALTERA-EP4SE360F35I4 Datasheet
10Mb / 432P
   This section provides a complete overview of all features relating to the Stratix IV device family, which is the most architecturlly advanced
logo
STMicroelectronics
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
   This document provides a detailed description
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com