Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F033-002 Datasheet(PDF) 2 Page - Eichhoff Electronics,Inc.

Part # F033-002
Description  Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F033-002 Datasheet(HTML) 2 Page - Eichhoff Electronics,Inc.

  F033-002 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F033-002 Datasheet HTML 2Page - Eichhoff Electronics,Inc. F033-002 Datasheet HTML 3Page - Eichhoff Electronics,Inc. F033-002 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Tension nominale:
c. a. 110/250 V
50/60 Hz
Tolérances des capacités:
± 20%
Classes des condensateurs: X2Y2
Tolérances des inductances: –30% / + 50%
Boîtier:
boîtier métallique (AL) avec étrier
Catégorie climatique:
25/100/21-C selon IEC 60068-1
Connexions:
ill.
I: cosses plattes 6,3 x 0,8 mm
ill. IA.: fil cuivre type AWG
1 A, 2 A
AWG 20
4 A, 6 A
AWG 18
10 A, 16 A
AWG 14
fins dénudées
Rated voltage:
AC 110/250 V
50/60 Hz
Capacitance tolerance:
± 20%
Capacitor class:
X2Y2
Inductance tolerance:
–30% / +50%
Encapsulation:
metal case (AL) with fixing lug
Climatic category:
25/100/21-C to IEC 60068-1
Connections:
Fig.
I: Fastons 6.3 x 6.8 mm
Fig. IA: copper wire type AWG
1 A, 2 A
AWG 20
4 A, 6 A
AWG 18
10 A, 16 A
AWG 14
ends stripped
F033-001/5 .0, F033-002/5 .0,
F033-004/5 .0
F033-016/5 .0
F033-006/5 .0, F033-010/5 .0
Einfügungsdämpfung (Richtwerte), Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives), Mesurage dans le circuit 50:
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
-
EN 60939-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
Prüfzeichen:
Approvals:
max. 85°C
Homologations:
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - F033-002

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F033-00 EICHHOFF-F033-00 Datasheet
104Kb / 2P
   Funk-Entstorfilter im rechteckigen Kunststoffgehause
F033-000 EICHHOFF-F033-000 Datasheet
98Kb / 2P
   Funk-Entstorfilter f체r Printmontage im Kunststoffgehause und Metallgehause
More results

Similar Description - F033-002

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F012-401 EICHHOFF-F012-401 Datasheet
107Kb / 2P
   Funk-Entst철rfilter im rechteckigen Kunststoffgeh채use
F011-180 EICHHOFF-F011-180 Datasheet
96Kb / 2P
   Funk-Entst철rfilter im ovalen oder rechteckigen Metallgeh채use
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
F022-299 EICHHOFF-F022-299 Datasheet
199Kb / 8P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
F022-381 EICHHOFF-F022-381 Datasheet
221Kb / 4P
   Funk-Entst철rfilter mit Kaltger채testecker nach IEC Radio-Interference
F033-620 EICHHOFF-F033-620 Datasheet
104Kb / 2P
   Funk-Entstorfilter im rechteckigen Kunststoffgehause
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com