Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDB6U134N16RR Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # DDB6U134N16RR
Description  Diode Module with Chopper-IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DDB6U134N16RR Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button DDB6U134N16RR Datasheet HTML 3Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 4Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 5Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 6Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 7Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 8Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 9Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 10Page - Infineon Technologies AG DDB6U134N16RR Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Technische Information / Technical Information
Dioden-Modul mit Chopper-IGBT
Diode Module with Chopper-IGBT DD B6U 134 N 16 RR
N
B6
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperatur TC = f(Id)
Parameter: Stromrichterschaltung / converter circuit
BIP AM; R. Jörke
19. Dez 00
Seite/page 7(12)
B2: 180°sin
B6: 120°rect
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
70
80
90
100
110
120 130
140
150
Id [A]


Similar Part No. - DDB6U134N16RR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DDB6U134N16RR_B11 INFINEON-DDB6U134N16RR_B11 Datasheet
625Kb / 10P
   EconoPACK™2 module with Low Loss IGBT2 and Emitter Controlled diode and PressFIT / NTC
revision: 3.0 2014-08-29
More results

Similar Description - DDB6U134N16RR

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com