Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC307 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC307
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC307 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC307 Datasheet HTML 1Page - Fairchild Semiconductor BC307 Datasheet HTML 2Page - Fairchild Semiconductor BC307 Datasheet HTML 3Page - Fairchild Semiconductor BC307 Datasheet HTML 4Page - Fairchild Semiconductor BC307 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC307
: BC308/309
IC= -2mA, IB=0
-45
-25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC307
: BC308/309
IC= -10µA, VBE=0
-50
-30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -10µA, IC=0
-5
V
ICES
Collector Cut-off Current
: BC307
: BC308/309
VCE= -45V, VBE=0
VCE= -25V, VBE=0
-2
-2
-15
-15
nA
nA
hFE
DC Current Gain
VCE= -5V, IC= -2mA
120
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-0.5
-0.3
V
V
VBE (sat)
Collector-Base Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-0.7
-0.85
V
V
VBE (on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
-0.55
-0.62
-0.7
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA, f=50MHz
130
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
Cib
Input Capacitance
VEB= -0.5V, IC=0, f=1MHz
12
pF
NF
Noise Figure
: BC307/308
: BC309
: BC309
VCE= -5V, IC= -0.2mA,
RG=2KΩ, f=1KHz
VCE= -5V, IC= -0.2mA
RG=2KΩ, f=30~15KHz
2
10
4
4
dB
dB
dB
Classification
A
B
C
hFE
120 ~ 220
180 ~ 460
380 ~ 800


Similar Part No. - BC307

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC307 MOTOROLA-BC307 Datasheet
110Kb / 4P
   Amplifier Transistors(PNP)
logo
New Jersey Semi-Conduct...
BC307 NJSEMI-BC307 Datasheet
248Kb / 3P
   THE ABOVE TYPES ARE PNP SILICON PLANAR EPITAXIAL TRANSISTORS FOR USE IN AF SMALL SIGNAL AMPLIFIER STAGES AND DIRECT COUPLED CIRCUITS
logo
ON Semiconductor
BC307 ONSEMI-BC307 Datasheet
84Kb / 4P
   Amplifier Transistors(PNP Silicon)
1997 REV 1
logo
ARTSCHIP ELECTRONICS CO...
BC307 ARTSCHIP-BC307 Datasheet
181Kb / 3P
   PNP Epitaxial Silicon Transistor
logo
NXP Semiconductors
BC307 PHILIPS-BC307 Datasheet
52Kb / 8P
   PNP general purpose transistors
1997 Mar 07
More results

Similar Description - BC307

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com