Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5235BRUZ250 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5235BRUZ250
Description  Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5235BRUZ250 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5235BRUZ250 Datasheet HTML 18Page - Analog Devices AD5235BRUZ250 Datasheet HTML 19Page - Analog Devices AD5235BRUZ250 Datasheet HTML 20Page - Analog Devices AD5235BRUZ250 Datasheet HTML 21Page - Analog Devices AD5235BRUZ250 Datasheet HTML 22Page - Analog Devices AD5235BRUZ250 Datasheet HTML 23Page - Analog Devices AD5235BRUZ250 Datasheet HTML 24Page - Analog Devices AD5235BRUZ250 Datasheet HTML 25Page - Analog Devices AD5235BRUZ250 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5235
Data Sheet
Rev. F | Page 22 of 32
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between Terminal A
and Terminal B, RAB, is available with 25 kΩ and 250 kΩ with
1024 positions (10-bit resolution). The final digits of the part
number determine the nominal resistance value, for example,
25 kΩ = 24.4 Ω; 250 kΩ = 244 Ω.
The 10-bit data-word in the RDAC latch is decoded to select one
of the 1024 possible settings. The following description provides
the calculation of resistance, RWB, at different codes of a 25 kΩ
part. The first connection of the wiper starts at Terminal B for
Data 0x000. RWB(0) is 30 Ω because of the wiper resistance, and
it is independent of the nominal resistance. The second connection
is the first tap point where RWB(1) becomes 24.4 Ω + 30 Ω = 54.4 Ω
for Data 0x001. The third connection is the next tap point
representing RWB(2) = 48.8 Ω + 30 Ω = 78.8 Ω for Data 0x002,
and so on. Each LSB data value increase moves the wiper up the
resistor ladder until the last tap point is reached at RWB(1023) =
25006 Ω. See Figure 45 for a simplified diagram of the equivalent
RDAC circuit. When RWB is used, Terminal A can be left
floating or tied to the wiper.
CODE (Decimal)
100
75
0
0
1023
256
512
768
50
25
RWA
RWB
Figure 46. RWA(D) and RWB(D) vs. Decimal Code
The general equation that determines the programmed output
resistance between Terminal Bx and Terminal Wx is
W
AB
WB
R
R
D
D
R
+
×
=
1024
)
(
(1)
where:
D is the decimal equivalent of the data contained in the RDAC
register.
RAB is the nominal resistance between Terminal A and Terminal B.
RW is the wiper resistance.
For example, the output resistance values in Table 12 are set for
the given RDAC latch codes (applies to RAB = 25 kΩ digital
potentiometers).
Table 12. RWB (D) at Selected Codes for RAB = 25 kΩ
D (Dec)
RWB(D) (Ω)
Output State
1023
25,006
Full scale
512
12,530
Midscale
1
54.4
1 LSB
0
30
Zero scale (wiper contact resistor)
Note that, in the zero-scale condition, a finite wiper resistance
of 50 Ω is present. Care should be taken to limit the current
flow between W and B in this state to no more than 20 mA to
avoid degradation or possible destruction of the internal switches.
Like the mechanical potentiometer that the RDAC replaces, the
AD5235 part is symmetrical. The resistance between Wiper W
and Terminal A also produces a digitally controlled complementary
resistance, RWA. Figure 46 shows the symmetrical
programmability of the various terminal connections. When RWA
is used, Terminal B can be left floating or tied to the wiper.
Setting the resistance value for RWA starts at a maximum value
of resistance and decreases as the data loaded in the latch is
increased in value.
The general transfer equation for this operation is
W
AB
WA
R
R
D
D
R
+
×
=
1024
1024
)
(
(2)
For example, the output resistance values in Table 13 are set for
the given RDAC latch codes (applies to RAB = 25 kΩ digital
potentiometers).
Table 13. RWA(D) at Selected Codes for RAB= 25 kΩ
D (Dec)
RWA(D) (Ω)
Output State
1023
54.4
Full scale
512
12,530
Midscale
1
25,006
1 LSB
0
25,030
Zero scale (wiper contact resistance)
The typical distribution of RAB from channel to channel is
±0.2% within the same package. Device-to-device matching is
process lot dependent upon the worst case of ±30% variation.
However, the change in RAB with temperature has a 35 ppm/°C
temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer can be configured to generate an output
voltage at the wiper terminal that is proportional to the input
voltages applied to Terminal A and Terminal B. For example,
connecting Terminal A to 5 V and Terminal B to ground
produces an output voltage at the wiper that can be any value
from 0 V to 5 V. Each LSB of voltage is equal to the voltage
applied across Terminal A to Terminal B divided by the 2N
position resolution of the potentiometer divider.


Similar Part No. - AD5235BRUZ250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235BRU25 AD-AD5235BRU25 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU25-EP-RL7 AD-AD5235BRU25-EP-RL7 Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRU250 AD-AD5235BRU250 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results

Similar Description - AD5235BRUZ250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com