Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M1270ZT144A5N Datasheet(PDF) 8 Page - Altera Corporation

Part # 5M1270ZT144A5N
Description  3. DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M1270ZT144A5N Datasheet(HTML) 8 Page - Altera Corporation

Back Button 5M1270ZT144A5N Datasheet HTML 4Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 5Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 6Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 7Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 8Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 9Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 10Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 11Page - Altera Corporation 5M1270ZT144A5N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
3–8
Chapter 3: DC and Switching Characteristics for MAX V Devices
Operating Conditions
MAX V Device Handbook
May 2011
Altera Corporation
Bus Hold Specifications
Table 3–14 lists the bus hold specifications for the MAX V device family.
Table 3–13. RSDS Specifications for MAX V Devices (Note 1)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
I/O supply voltage
2.375
2.5
2.625
V
VOD
Differential output voltage swing
247
600
mV
VOS
Output offset voltage
1.125
1.25
1.375
V
Note to Table 3–13:
(1) Supports emulated RSDS output using a three-resistor network (RSDS_E_3R).
Table 3–14. Bus Hold Specifications for MAX V Devices
Parameter
Conditions
VCCIO Level
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Low sustaining
current
VIN > VIL (maximum)
10
20
30
50
70
µA
High sustaining
current
VIN < VIH (minimum)
–10
–20
–30
–50
–70
µA
Low overdrive
current
0 V < VIN < VCCIO
—130
—160
—200
300
500
µA
High overdrive
current
0 V < VIN < VCCIO
–130
–160
–200
–300
–500
µA


Similar Part No. - 5M1270ZT144A5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results

Similar Description - 5M1270ZT144A5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M160ZE64C5N ALTERA-5M160ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144I5N ALTERA-5M570ZT144I5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M570ZT144C5N ALTERA-5M570ZT144C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M40ZE64C5N ALTERA-5M40ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZM68I5N ALTERA-5M240ZM68I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com