Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRB020-025 Datasheet(PDF) 2 Page - Eichhoff Electronics,Inc.

Part # DRB020-025
Description  Stromkompensierte Ringkerndrosseln Current compensated chokes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

DRB020-025 Datasheet(HTML) 2 Page - Eichhoff Electronics,Inc.

  DRB020-025 Datasheet HTML 1Page - Eichhoff Electronics,Inc. DRB020-025 Datasheet HTML 2Page - Eichhoff Electronics,Inc. DRB020-025 Datasheet HTML 3Page - Eichhoff Electronics,Inc. DRB020-025 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Nennspannung:
AC 250 V
Induktivitätsabweichung:
+50%; - 30%
Gleichstromwiderstand:
Richtwerte bei -u = 20°C
Anwendungsklasse:
25/085/21-C;25/125/56-C;IEC 60068-1
Anschlüsse:
Anschlußstifte im Rastermaß
Stromkompensierte Ringkerndrosseln sind mit einem hochpermeablen Ringkern aufgebaut.
Auf dem isolierten Kern werden zwei Wicklungen aufgebracht.
Das System wird in ein Kunststoffgehäuse eingesetzt und Epoxidharz vergossen.
Rated voltage:
AC 250 V
Inductance tolerance:
+50%; -30%
DC resistance:
Average values at -u = 20 °C
Climatic classification:
25/085/21-C;25/125/56-C;IEC 60068-1
Connections:
Pins in grid
Current-compensated ring core chokes are made with toroids of high permeability.
Two windings are put on the insulated core.
The system is put into housing and is then potted with epoxy.
Tension nominale:
c. a. 250 V
Tolérances des inductances:
+50%; -30%
Résistance c.c.:
Valeurs indicatives à -u = 20°C
Classification climatique:
25/085/21-C;25/125/56-C;IEC 60068-1
Connexions:
Picots en grille
Les selfs de tore à courant compensé sont construites avec des tores de haute perméabilité.
Deux enroulements sont mis sur le tore.
Le système est mis dans un boîtier et alors il est moulé avec de la résine.
Prüfzeichen:
Approvals:
Homologations:
EN 60938-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - DRB020-025

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRB-09P11 YAMAICHI-DRB-09P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09P12 YAMAICHI-DRB-09P12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S11 YAMAICHI-DRB-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S12 YAMAICHI-DRB-09S12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-15P11 YAMAICHI-DRB-15P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results

Similar Description - DRB020-025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com