Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUB020-621 Datasheet(PDF) 4 Page - Eichhoff Electronics,Inc.

Part # DUB020-621
Description  Stromkompensierte Ringkerndrosseln Current compensated chokes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

DUB020-621 Datasheet(HTML) 4 Page - Eichhoff Electronics,Inc.

  DUB020-621 Datasheet HTML 1Page - Eichhoff Electronics,Inc. DUB020-621 Datasheet HTML 2Page - Eichhoff Electronics,Inc. DUB020-621 Datasheet HTML 3Page - Eichhoff Electronics,Inc. DUB020-621 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Stromkompensierte Ringkerndrosseln
Current compensated chokes
Selfs à courent compensé
Nennstrom
Rated current
Courant
nominale
Nenninduktivität
Rated inductance
Inductance nominale
0,5 A
1
A
1,4 A
2
A
4
A
6
A
2 x 82 mH
2 x 33 mH
2 x 27 mH
2 x 6,8 mH
2 x 3,3 mH
2 x 1,8 mH
Teile-Nr. / Part number / Référence
DRB030-582/005-410
DRB030-533/010-410
DRB030-527/014-410
DRB030-468/020-410
DRB030-433/040-410
DRB030-418/060-410
DRB030-582/005-310
DRB030-533/010-310
DRB030-527/014-310
DRB030-468/020-310
DRB030-433/040-310
DRB030-418/060-310
DC Widerstand
DC resistance
Résistance
950 mž
380 mž
210 mž
90 mž
30 mž
20 mž
Bild I
Fig. I / ill. I
Bild II
Fig. II / ill. II
Weitere Induktivitätswerte auf Anfrage / Other values upon request / D’autres inductances sur demande
Nennspannung:
AC 250 V
Induktivitätstoleranz.:
+50 -30%
Klimakategorie:
40/125/56-C nach IEC 60068-1
Gleichstromwiderstand:
je Wicklung; Richtwerte bei Tu=20-C
Gewicht:
ca. 27 g
Rated voltage:
AC 250 V
Inductance tolerance:
+50 -30%
Climate category:
40/125/56-C acc. to IEC 60068-1
DC resistance:
per winding; Average values at Tu=20-C
Weight:
ca. 27 g
Tension nominale:
AC 250 V
Tolèrances des inductances:
+50 -30%
Catègorie de climat:
40/125/56-C après IEC 60068-1
Résistance c.c.:
par bobine; Valeurs indicatives à Tu=20-C
Poids:
ca. 27 g
Bild I
Fig. I / ill. I
Bild II
Fig. II / ill. II


Similar Description - DUB020-621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com