Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1xB-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S1xB-13-F
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1xB-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  S1xB-13-F Datasheet HTML 1Page - Diodes Incorporated S1xB-13-F Datasheet HTML 2Page - Diodes Incorporated S1xB-13-F Datasheet HTML 3Page - Diodes Incorporated S1xB-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1A/B - S1M/B
Document number: DS16003 Rev. 22 - 2
2 of 4
www.diodes.com
October 2011
© Diodes Incorporated
S1A/B - S1M/B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
S1
A/AB
S1
B/BB
S1
D/DB
S1
G/GB
S1
J/JB
S1
K/KB
S1
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 4)
RθJT
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Forward Voltage
@ IF = 1.0A
VFM
-
-
1.1
V
Peak Reverse Leakage Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
-
-
-
-
5.0
100
μA
Reverse Recovery Time (Note 5)
trr
-
1.8
3.0
μs
Typical Total Capacitance
(Note 6)
CT
-
10
-
pF
Notes:
4. Thermal resistance junction to terminal, unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
5. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
6. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160
180
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
Resistive or
inductive load
0.4
0.8
0.01
0.1
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
1.0
01.6
1.2


Similar Part No. - S1xB-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1xB-13-F DIODES-S1xB-13-F Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
S1xB-13-F DIODES-S1xB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1xB-13-F DIODES-S1xB-13-F Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1xB-13-F DIODES-S1xB-13-F Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1xB-13-F DIODES-S1xB-13-F Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S1xB-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DFLR1600 DIODES-DFLR1600 Datasheet
403Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS30602 Rev. 4 - 2
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1MB-13 DIODES-S1MB-13 Datasheet
256Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com