Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2616 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # VCA2616
Description  Dual, Variable-Gain Amplifier with Low-Noise Preamp
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

VCA2616 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button VCA2616 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS VCA2616 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
VCA2616, VCA2611
8
SBOS234E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDDA = VDDB = VDDR = +5V, load resistance = 500Ω on each output to ground, MGS = 011, LNP = 22dB and fIN = 5MHz, unless otherwise noted.
The input to the preamp (LNP) is single-ended, and the output from the VCA is single-ended, unless otherwise noted. This results in a 6dB reduction in signal
amplitude compared to differential operation.
–5
–15
–25
–35
–45
–55
–65
–75
–85
CROSSTALK vs FREQUENCY
1V
PP SINGLE-ENDED
MGS = 011
Frequency (Hz)
1M
10M
100M
VCA
CNTRL 0V
VCA
CNTRL 1.5V
VCA
CNTRL 3.0V
I
CC vs TEMPERATURE
Temperature (
°C)
–20
–30
–40
–10 0
10 2030 405060 70
80 90
80.50
80.00
79.50
79.00
78.50
78.00
77.50
77.00
76.50
76.00
16
14
12
10
8
6
4
2
0
1M
10M
100M
Frequency (Hz)
GROUP DELAY vs FREQUENCY
V
C = 3.0
V
C = 0.2


Similar Part No. - VCA2616

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2616 BURR-BROWN-VCA2616 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2616 TI1-VCA2616 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2616EVM TI1-VCA2616EVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
More results

Similar Description - VCA2616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com