Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1101LEMT8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ACE1101LEMT8X
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1101LEMT8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ACE1101LEMT8X Datasheet HTML 1Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1101LEMT8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
www.fairchildsemi.com
ACE1101 Rev. C.8
ACE1101
Arithmetic Controller Engine (ACEx™)
for Low Power Applications
General Description
The ACE1101 (Arithmetic Controller Engine) is a dedicated pro-
grammable monolithic integrated circuit for applications requiring
high performance, low power, and small size. It is a fully static part
fabricated using CMOS technology.
The ACE1101 has an 8-bit microcontroller core, 64 bytes of RAM,
64 bytes of data EEPROM and 1K bytes of code EEPROM. Its on-
chip peripherals include a multi-function 16-bit timer, watchdog/
idle timer, and programmable undervoltage detection circuitry.
On-chip clock and reset functions reduce the number of required
external components. The ACE1101 is available in an 8-pin
TSSOP package.
Features
I Arithmetic Controller Engine
I 1K bytes on-board code EEPROM
I 64 bytes data EEPROM
I 64 bytes RAM
I Watchdog
I Multi-input wake-up all I/O pins
Block and Connection Diagram
PRELIMINARY
May 1999
I 16-bit multifunction timer
I On-chip oscillator
— No external components
— 1
µs instruction cycle time
I Instruction set geared for block encryption
I On-chip power on reset
I Programmable read and write disable functions
I Memory mapped I/O
I Multilevel Low Voltage Detection
I Fully static CMOS
— Low power HALT mode (100nA @3.3V)
— Power saving IDLE mode
— Single supply operation (2.0-5.5V, 2.2-5.5V, 2.7-5.5V))
I Software selectable I/O options
— Push-pull outputs with tri-state option
— Weak pull-up or high impedance inputs
I 40 years data retention
I 1,000,000 data changes
I 8-pin TSSOP package
I In-circuit programming
Power-on
Reset
VCC
GND
G0 (CKO)
G1 (CKI)
G2 (T1)
G3(Input only)
G4
G5
Internal
Oscillator
G port
general
purpose
I/O
with
multi-
input
wakeup
Low Battery/Brown-out
Detect
* 100nf Decoupling capacitor
recommended
Watchdog/
12-Bit Timer 0
ACEx
Control
Unit
64 bytes of DATA
EEPROM
Programming
Interface
1K bytes of CODE
EEPROM
16-Bit Timer 1
HALT/IDLE
Power saving
Modes
RAM block
64 bytes
© 1999 Fairchild Semiconductor Corporation


Similar Part No. - ACE1101LEMT8X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1101LEMT8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com