Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2532GY Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP2532GY
Description  Low Gate Charge, Fast Switching Performance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2532GY Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP2532GY Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 7Page - Advanced Power Electronics Corp. AP2532GY Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP2532GY
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
5/7
Q
VG
4.5V
QGS
QGD
QG
Charge
0
3
6
9
12
15
0123456
Q G , Total Gate Charge (nC)
I D = 1.8 A
V DS =10 V
10
100
1000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
DC
T A =25
o C
Single Pulse
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
0.02
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 180℃/W
t
T
0.01
td(on) tr
td(off) tf
VDS
VGS
10%
90%


Similar Part No. - AP2532GY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY_14 Datasheet
122Kb / 7P
   Fast Switching Performance
More results

Similar Description - AP2532GY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP4951GM-HF A-POWER-AP4951GM-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Low Gate Charge, Fast Switching Performance
logo
List of Unclassifed Man...
FDS6911 ETC2-FDS6911 Datasheet
116Kb / 6P
   Fast switching speed, Low gate charge
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com