Electronic Components Datasheet Search |
|
5-147720-9 Datasheet(PDF) 8 Page - Tyco Electronics |
|
5-147720-9 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 98 page 188 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Receptacle Assemblies, Single-Row, Surface Mount, .100 [2.54] x .100 [2.54] Centerline End To End Stackable without Compliant Pin Holddowns AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Surface Mount,Single-Row, Dual Entry, End to End Stackable Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] matte tin on solder leads, all over .000050 [0.00127] nickel Related Product Data Mateable Headers — Refer to Mating Post Selection Guide — page 90 Performance Specifications — page 186 Packaged in Tubes Packaged in Tape & Reel No. of Dimensions Contact Plating/ Part Nos. Contact Plating/ Part Nos. Pos. AB Plating A Plating B Plating C Plating A Plating B Plating C 3 .300 [7.62] .200 [5.08] 5-147738-2 5-147737-2 5-147736-2 5-147723-2 5-147728-2 5-147729-2 4 .400 [10.16] .300 [7.62] 5-147738-3 5-147737-3 5-147736-3 5-147723-3 5-147728-3 5-147729-3 5 .500 [12.70] .400 [10.16] 5-147738-4 5-147737-4 5-147736-4 5-147723-4 5-147728-4 5-147729-4 6 .600 [15.24] .500 [12.70] 5-147738-5 5-147737-5 5-147736-5 5-147723-5 5-147728-5 5-147729-5 7 .700 [17.78] .600 [15.24] 5-147738-6 5-147737-6 5-147736-6 5-147723-6 5-147728-6 5-147729-6 8 .800 [20.32] .700 [17.78] 5-147738-7 5-147737-7 5-147736-7 5-147723-7 5-147728-7 5-147729-7 9 .900 [22.86]] .800 [20.32] 5-147738-8 5-147737-8 5-147736-8 5-147723-8 5-147728-8 5-147729-8 10 1.000 [25.40] .900 [22.86] 5-147738-9 5-147737-9 5-147736-9 5-147723-9 5-147728-9 5-147729-9 11 1.100 [27.94] 1.000 [25.40] 6-147738-0 6-147737-0 6-147736-0 6-147723-0 6-147728-0 6-147729-0 12 1.200 [30.48] 1.100 [27.94] 6-147738-1 6-147737-1 6-147736-1 6-147723-1 6-147728-1 6-147729-1 13 1.300 [33.02] 1.200 [30.48] 6-147738-2 6-147737-2 6-147736-2 6-147723-2 6-147728-2 6-147729-2 14 1.400 [35.56] 1.300 [33.02] 6-147738-3 6-147737-3 6-147736-3 6-147723-3 6-147728-3 6-147729-3 15 1.500 [38.10] 1.400 [35.56] 6-147738-4 6-147737-4 6-147736-4 6-147723-4 6-147728-4 6-147729-4 16 1.600 [40.64] 1.500 [38.10] 6-147738-5 6-147737-5 6-147736-5 6-147723-5 6-147728-5 6-147729-5 17 1.700 [43.18] 1.600 [40.64] 6-147738-6 6-147737-6 6-147736-6 6-147723-6 6-147728-6 6-147729-6 18 1.800 [45.72] 1.700 [43.18] 6-147738-7 6-147737-7 6-147736-7 6-147723-7 6-147728-7 6-147729-7 19 1.900 [48.26] 1.800 [45.72] 6-147738-8 6-147737-8 6-147736-8 6-147723-8 6-147728-8 6-147729-8 20 2.000 [50.80] 1.900 [48.26] 6-147738-9 6-147737-9 6-147736-9 6-147723-9 6-147728-9 6-147729-9 30 3.000 [76.20] 2.900 [73.66] 7-147738-9 7-147737-9 7-147736-9 7-147723-9 7-147728-9 7-147729-9 40 4.000 [101.60] 3.900 [99.06] 8-147738-9 8-147737-9 8-147736-9 8-147723-9 8-147728-9 8-147729-9 Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension, and .062 [1.57] for recommended board thickness if used in bottom entry application. A B .265 [6.73] .100 [2.54] .228 [5.78] .020 [0.51] Standoff Typ. .060 [1.52] Min. .090 [2.28] .148 [3.77] .208 [5.28] Max. .107 [2.72] Typ. .100 [2.54] Typ. .140 [3.56] .040±.003 [1.02±0.08] Dia. Typ. Recommended PC Board Pad Pattern (.008 [0.20] thick stencil) (For bottom entry or pass through applications) (Localized Gold Plate Area) Point of Contact |
Similar Part No. - 5-147720-9 |
|
Similar Description - 5-147720-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |