Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5353190-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-5353190-1
Description  EMBOSS ASSY FH 0.6BTB CONNECTOR REC 4H WITH G-CONTACT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5353190-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1-5353190-1 Datasheet HTML 1Page - Tyco Electronics 1-5353190-1 Datasheet HTML 2Page - Tyco Electronics 1-5353190-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 1-5353190-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5353190-0 MACOM-1-5353190-0 Datasheet
329Kb / 3P
   EMBOSS ASSY FH 0.6BTB CONNECTOR REC 4H WITH G-CONTACT
More results

Similar Description - 1-5353190-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5353190-0 MACOM-1-5353190-0 Datasheet
329Kb / 3P
   EMBOSS ASSY FH 0.6BTB CONNECTOR REC 4H WITH G-CONTACT
5-5353187-5 MACOM-5-5353187-5 Datasheet
250Kb / 2P
   EMBOSS ASSY
logo
Molex Electronics Ltd.
2188760000-SD MOLEX-2188760000-SD Datasheet
367Kb / 4P
   5G25 REC EMBOSS PACKAGE
2022/12/19
logo
TE Connectivity Ltd
C-6123001 TEC-C-6123001 Datasheet
374Kb / 2P
   EMBOSS ASSY FOR FH 0.8BTB CONNECTOR PLUG 8H 0.5 BOSS LENGTH (0.76um GOLD)
logo
Tyco Electronics
6123212 MACOM-6123212 Datasheet
88Kb / 2P
   REC ASSY FOR FH 0.8 B-T-B CONNECTOR 13H 0.5 BOSS LENGTH
320634 MACOM-320634 Datasheet
414Kb / 3P
   HAND TRAY ASSY FH 0.5BTB CONNECTOR
5120603-1 MACOM-5120603-1 Datasheet
217Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
logo
TE Connectivity Ltd
C-120521 TEC-C-120521 Datasheet
327Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
logo
Tyco Electronics
5120524-1 MACOM-5120524-1 Datasheet
189Kb / 1P
   RCPT ASSY, 1.0mm FH(IEEE1386) CONNECTOR
1-926539-7 MACOM-1-926539-7 Datasheet
194Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com