Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1001LM8X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ACE1001LM8X
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1001LM8X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ACE1001LM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 9Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 10Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 11Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 12Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 13Page - Fairchild Semiconductor ACE1001LM8X Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
www.fairchildsemi.com
ACE1001 Product Family Rev. B.1
Figure 8: HALT Mode Currents
Temperature [
°C]
HALT current vs. Temperature
Figure 9: IDLE Mode Current
Temperature [
°C]
IDLE current vs. Temperature
0.00
500.00
1000.00
1500.00
2000.00
2500.00
3000.00
3500.00
4000.00
4500.00
5000.00
-45
0
25
85
125
1.8V
2.2V
2.7V
3.3V
5.0V
5.5V
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
-45
0
25
85
125
1.8V
2.2V
2.7V
3.3V
5.0V
5.5V


Similar Part No. - ACE1001LM8X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE100 ETC2-ACE100 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
   Evaluation Kit For ADC100 Series A/D Converters
More results

Similar Description - ACE1001LM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com