Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS50KMJ-3 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FS50KMJ-3
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS50KMJ-3 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FS50KMJ-3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS50KMJ-3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS50KMJ-3 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS50KMJ-3 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
MITSUBISHI Nch POWER MOSFET
FS50KMJ-3
HIGH-SPEED SWITCHING USE
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
150
1.0
1.5
23
24
0.58
62
8200
870
440
54
110
850
340
1.0
125
±0.1
0.1
2.0
30
31
0.75
1.5
3.57
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS =
±20V, VDS = 0V
VDS = 150V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 25A, VGS = 10V
ID = 25A, VGS = 4V
ID = 25A, VGS = 10V
ID = 25A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 80V, ID = 25A, VGS = 10V, RGEN = RGS = 50
IS = 25A, VGS = 0V
Channel to case
IS = 50A, dis/dt = –100A/
µs
PERFORMANCE CURVES
0
10
20
30
40
50
0
200
50
100
150
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
5V
0
20
40
60
80
100
0
1.0
2.0
3.0
4.0
5.0
VGS = 10V
TC = 25°C
Pulse Test
4V
3V
PD = 35W
5V
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2.0
VGS = 10V
TC = 25°C
Pulse Test
4V
2.5V
3V
PD = 35W
100
3
5
7
101
2
3
5
7
102
2
3
2
3
5
7
100 2101
35 7
2
102
35 7
2
103
35 7
tw = 10
ms
100
ms
1ms
10ms
DC
TC = 25°C
Single Pulse
100ms


Similar Part No. - FS50KMJ-3

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS50KMJ-3 POWEREX-FS50KMJ-3 Datasheet
48Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS50KMJ-3 RENESAS-FS50KMJ-3 Datasheet
199Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS50KMJ-3-A8 RENESAS-FS50KMJ-3-A8 Datasheet
199Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results

Similar Description - FS50KMJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com