Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1101BMT8 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # ACE1101BMT8
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1101BMT8 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ACE1101BMT8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 9Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 10Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
www.fairchildsemi.com
ACE1101 Rev. C.8
Preliminary ACE1101L AC Electrical Characteristics for VCC = 2.0 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
5.0V at 25
°C
0.9
1.00
1.1
µs
internal clock - setpoint
Internal clock voltage dependent
3.0V to 5.5V,
±5%
frequency variation
constant temperature
Internal clock temperature
3.0V to 5.5V,
±10%
dependent frequency variation
full temperature range
Internal clock frequency
3.0V to 4.5V for
±2%
deviation for 0.5V drop
ACE1101E, T=constant
Crystal oscillator frequency
(Note 1)
4
MHz
External clock frequency
(Note 2)
4
MHz
EEPROM write time
5
10
ms
Internal clock start up time
(Note 2)
2
ms
Oscillator start up time
(Note 2)
2400
cycles
Note 1: The maximum permissible frequency is guaranteed by design but not 100% tested.
Note 2: The parameter is guaranteed by design but not 100% tested.


Similar Part No. - ACE1101BMT8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1101BMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com