Electronic Components Datasheet Search |
|
ACE1001EM8X Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
ACE1001EM8X Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 32 page 1 www.fairchildsemi.com ACE1001 Product Family Rev. B.1 ACE1001 Product Family Arithmetic Controller Engine (ACEx™) for Low Power Applications General Description The ACE1001 is a member of the ACEx (Arithmetic Controller Engine) family of microcontrollers. It is a dedicated programmable monolithic integrated circuit for applications requiring high perfor- mance, low power, and small size. It is a fully static part fabricated using CMOS technology. The ACE1001 product family has an 8-bit core processor, 64 bytes of RAM, 64 bytes of data EEPROM and 1K bytes of code EEPROM. Its on-chip peripherals include a programmable 8-bit timer with PWM output, watch-dog/idle timer, and programmable undervoltage detection circuitry. The on-chip clock and reset functions reduce the number of required external components. The ACE1001 product family is available in 8-pin SOIC and TSSOP packages. Features I Arithmetic Controller Engine I 1K bytes on-board code EEPROM I 64 bytes data EEPROM I 64 bytes RAM I Watchdog I Multi-input wake-up 3 I/O pins Block and Connection Diagram April 2002 I 8-bit Timer1 with PWM output I On-chip oscillator — No external components — 1 µs instruction cycle time I On-chip Power-on Reset I Brown-out Reset I Programmable read and write disable functions I Memory mapped I/O I Multilevel Low Voltage Detection I Fully static CMOS — Low power HALT mode (100nA @ 3.3V) — Power saving IDLE mode I Single supply operaton — 1.8 - 5.5V (ACE1001L) — 2.2 - 5.5V (ACE1001) I Software selectable I/O options — Push-pull outputs with tri-state option — Weak pull-up or high impedance inputs I 40 years data retention I 1,000,000 writes I 8-pin SOIC and TSSOP packages. Power-on Reset Brown-out Reset ACE1001 core (4 interrupt sources and vectors) Programming Interface 1K bytes of Code EEPROM 64 bytes of Data EEPROM 64 bytes of RAM 12-bit Timer0 with Watchdog Timer 8-bit PWM Timer1 HALT & IDLE Power Saving Modes GPORT general purpose I/O with multi- input wakeup on 3 inputs Internal Oscillator VCC1 GND1 RESET (CKO) G0 (CKI) G1 (T1) G2 (MIW) G4 (MIW) G5 (MIW) G32 © 2002 Fairchild Semiconductor Corporation 1. 100nf decoupling capacitor recommended. 2. Input only |
Similar Part No. - ACE1001EM8X |
|
Similar Description - ACE1001EM8X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |