Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1001EM8X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ACE1001EM8X
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1001EM8X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ACE1001EM8X Datasheet HTML 2Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 3Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 4Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 5Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 6Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 9Page - Fairchild Semiconductor ACE1001EM8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
www.fairchildsemi.com
ACE1001 Product Family Rev. B.1
ACE1001(L) Low Battery Detect (LBD) Characteristics
VCC = 1.8/2.2 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
LBD Voltage Threshold Variation
+25
°C-7
+7
%
0
°C to +70°C
-12
+12
%
-40
°C to +85°C
-16
+16
%
ACE1001 Brown-out Reset (BOR) Characteristics
VCC = 2.2 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
BOR Voltage Threshold
-40
°C to +85°C
1.93
2.25
2.58
V
Variation (BLSEL = 1)
ACE1001L Brown-out Reset (BOR) Characteristics
VCC = 1.8 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
BOR Voltage Threshold
0
°C to +70°C
1.76
1.95
2.20
V
Variation (BLSEL = 0)


Similar Part No. - ACE1001EM8X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE100 ETC2-ACE100 Datasheet
201Kb / 4P
   Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
   Evaluation Kit For ADC100 Series A/D Converters
More results

Similar Description - ACE1001EM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com