Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1101 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ACE1101
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1101 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ACE1101 Datasheet HTML 1Page - Fairchild Semiconductor ACE1101 Datasheet HTML 2Page - Fairchild Semiconductor ACE1101 Datasheet HTML 3Page - Fairchild Semiconductor ACE1101 Datasheet HTML 4Page - Fairchild Semiconductor ACE1101 Datasheet HTML 5Page - Fairchild Semiconductor ACE1101 Datasheet HTML 6Page - Fairchild Semiconductor ACE1101 Datasheet HTML 7Page - Fairchild Semiconductor ACE1101 Datasheet HTML 8Page - Fairchild Semiconductor ACE1101 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
www.fairchildsemi.com
ACE1101 Rev. C.8
Absolute Maximum Ratings
Ambient Storage Temperature
-65
°C to +150°C
Input Voltage not including G3
-0.3V to V
CC+0.3V
G3 Input Voltage
0.3V to 13V
Lead Temperature (10s max)
+300
°C
Electrostatic Discharge on all pins
2000V min
Operating Conditions
Ambient Operating Temperature:
ACE1101B
0
°C to 70°C
ACE1101BE
-40
°C to +85°C
ACE1101BV
-40
°C to +125°C
Operating Supply Voltage:
From -40
°C to 125°C:
2.7V to 5.5V
See table for EEPROM write limits
Relative Humidity (non-condensing)
95%
ACE1101B DC Electrical Characteristics for VCC = 2.7 to 5.5V
All measurements valid for ambient operating temperature range unless otherwise stated.
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
I
CC
Supply Current –
2.7V
0.7
1.2
mA
no EEPROM write in
3.3V
1.0
1.5
mA
progress
5.5V
1.6
2.0
mA
I
CCH
HALT Mode current
3.3V, -40
°C to 25°C
10
100
nA
5.5V, -40
°C to 25°C
200
1000
nA
3.3V, 25
°C to +85°C
50
1000
nA
5.5V, 25
°C to +85°C
400
2500
nA
3.3V, -40
°C to +125°C
350
5000
nA
5.5V, -40
°C to +125°C
1200
8000
nA
ICCI
IDLE Mode Current
5.5V
120
250
µA*
3.3V
100
150
µA*
V
CCW
EEPROM Write Voltage
Code EEPROM in
4.5
5.0
5.5
V
Programming Mode
Data EEPROM in
2.7
5.5
V
Operating Mode
S
VCC
Power Supply Slope
1us/V
10ms/V
Inputs
V
IH
Logic High
0.8V
CC
V
V
IL
Logic Low
0.2 V
CC
V
I
IP
Input Pull-up Current
V
CC=5.5V, VIN=0V
30
65
350
µA
I
TL
TRI-STATE Leakage
V
CC=5.5V
2
200
nA
V
OL
Output Low Voltage - V
OL
V
CC= 3.3V – 5.5V
G0, G1, G2, G4, G6, G7
5.0 mA sink
0.2 V
CC
V
G5
10.0 mA sink
0.2 VCC
V
V
CC= 2.7V – 3.3V
3.0 mA sink
0.2 V
CC
V
5.0 mA sink
0.2 VCC
V
V
OH
Output High Voltage - V
OH
V
CC= 3.3V – 5.5V
G0, G1, G2, G4, G6, G7
0.4 mA source
0.8 VCC
V
G5
1.0 mA source
0.8 V
CC
V
V
CC= 2.7V – 3.3V
0.4 mA source
0.8 VCC
V
0.8 mA source
0.8 V
CC
V
* Based on continuous IDLE looping.


Similar Part No. - ACE1101

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com