Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT574AN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHCT574AN
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT574AN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHCT574AN Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT574AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Noise Characteristics
Note 7: Parameter guaranteed by design.
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH
|tPLH max  tPLH min|; tOSHL
|tPHL max  tPHL min|
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates
can be calculated by the equation: CPD (total) 20  12n.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
Quiet Output Maximum Dynamic VOL
5.0
1.2
1.6
V
CL 50 pF
(Note 7)
VOLV
Quiet Output Minimum Dynamic VOL
5.0
1.2
1.6
V
CL 50 pF
(Note 7)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
2.0
V
CL 50 pF
(Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
0.8
V
CL 50 pF
(Note 7)
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
r 0.5
4.1
9.4
1.0
10.5
ns
CL 15 pF
tPHL
Time
5.6
10.4
1.0
11.5
CL 50 pF
tPZL
3-STATE Output
5.0
r 0.5
6.5
10.2
1.0
11.5
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
7.3
11.2
1.0
12.5
CL 50 pF
tPLZ
3-STATE Output
5.0
r 0.5
7.0
11.2
1.0
12.0
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
tOSLH
Output to
5.0
r 0.5
1.0
1.0
ns
(Note 8)
tOSHL
Output Skew
fMAX
Maximum Clock
5.0
r 0.5
90
140
80
MHz
CL 15 pF
Frequency
85
130
75
CL 50 pF
CIN
Input
4
10
10
pF
VCC Open
Capacitance
COUT
Output
9
pF
VCC 5.0V
Capacitance
CPD
Power Dissipation
25
pF
(Note 9)
Capacitance
Symbol
Parameter
VCC
(V)
TA 25qC
TA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
tW(H)
Minimum Pulse Width (CP)
5.0
r 0.5
6.5
8.5
ns
tW(L)
tS
Minimum Set-Up Time
5.0
r 0.5
2.5
2.5
ns
tH
Minimum Hold Time
5.0
r 0.5
2.5
2.5


Similar Part No. - 74VHCT574AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHCT574AN ONSEMI-74VHCT574AN Datasheet
213Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
Revised April 2005
More results

Similar Description - 74VHCT574AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com