Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT320SMX-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part No. ACT320SMX-4
Description  low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACT [Advanced Crystal Technology]
Homepage  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT320SMX-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT320SMX-4_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT320SMX-4_12 Datasheet HTML 2Page - Advanced Crystal Technology ACT320SMX-4_12 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Parameter
Symbol
Specification
Frequency Tolerance (@25°C)
f/fo
±10,±15,±20,±30 & ±50ppm(Std )
Stability over temp range
Tc
±5ppm ~ 50ppm (See table 1&2)
Temp Operating Range
Topr
0~+50°C ~ -40~+85°C ( See table 1& 2)
Temp Storage Range
Tstg
-40 ~+85°C
Equivalent Series Resistance
ESR
See table 1
Load Capacitance
CL
8pF ~ 50pF & Series
Shunt Capacitance
C0
5pF max
Drive Level
DL
10
W Typ, 100W max
DLD2 <10Ω (min-max ratio)
FDLD <10ppm
Insulation Resistance
IR
500M
 min
Aging
Fa
±3ppm per year
**
Dimensions (mm)
*
Tighter ESR may be available please enquire.
Table 2
Available stabilities
Issue: 12 C1F
Date: 18-7-2012
ACT320SMX-4
Table 1*
The ACT320SMX-4 is a low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base /
metal lid package, seam welded for good long term reliability. The device has the lid grounded via the package
to reduce EMI issues. The wide frequency range and specification options ensure suitability for many
applications.
.
APPLICATIONS:
Bluetooth, WLAN, PDA, Pagers, Card readers, Cellular, PC Accessories, Notebook, Audio-visual, PCMCIA,
MP3, Consumer & Communications.
Specification
Condition
12.000MHz~ 54.000MHz
Frequency Range
fo
Please specify
Please note that all parameters can not necessarily be specified in the same device
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK .
Please specify
(16,20 & 30pF Std. Please specify )
@100V DC
(First year max @ 25°C)
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
http://www.actcrystals.com
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
Please specify
ESR and available stabilities for temperature range -40 to+85°C
ISO9001 Registered .
For quotations or further information please contact us at:
Drive Level Dependency
DLD
0.01, ~100
W 6 steps minimum
(Custom to 150µW available - Enquire)
** aging ±1.00ppm /year device available, to order, as a "semi-custom" part - Please enquire.
Please specify
Connections
#1. Crystal
#2. Grounded to lid
#3. Crystal
#4. Grounded to lid
Pad Surface Material: Gold (Au)
-40~+85°C // ±30ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±15ppm
-20~+70°C // ±10ppm
-40~+85°C // ±15ppm
-20~+70°C // ±10ppm
Tightest Stability v
Temperature
Available
Min
Tolerance
Available
Max ESR
Frequency range
±10ppm
±10ppm
±10ppm
±10ppm
50Ω
40Ω
30Ω
25Ω
19MHz ≤ fo <22MHz
22MHz ≤ fo <25MHz
25MHz ≤ fo <32MHz
32MHz ≤ fo <54MHz
12MHz ≤ fo <15MHz
15MHz ≤ fo <19MHz
80Ω
70Ω
±10ppm
±10ppm
Stability
Temp
Only available for
frequencies ≥30MHz

Available stabilities
See Table 1


-40~+85°C
-30~+80°C

-20~+70°C

-10+60°C

+/- 5ppm
+/- 10ppm +/- 15ppm

+/- 20ppm
-20~+85°C

≥+/- 30ppm
0~+50°C
1 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn