Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT320SMX-4 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part No. ACT320SMX-4
Description  low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACT [Advanced Crystal Technology]
Homepage  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT320SMX-4 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT320SMX-4_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT320SMX-4_12 Datasheet HTML 2Page - Advanced Crystal Technology ACT320SMX-4_12 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
BN
1 2 0 0
I
K
G
D
(#)
- PF
(320SMX-4)
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(3K Reel )
(RoHS)
E
10
F
15
F
Fundamental
G
20
- PF
H
25
G
-20+70
I
30
M
-40+85
GO
8
L
50
JO
9
KO
10
Package
MO
11
L = Loose
OO
12
( Enquire )
C =1K Reels
ZO
14
Std
D= 3K Reel
F
10
PO
15
G
15
RO
16
I
20
TO
18
J
25
VO
20
K
30
AA
24
O
50
BA
25
DA
30
SR
SR
`
Table 1: Available stabilities:
Table 2: Available stabilities for temperature range -40+85°C
NOTES :
1)
2)
3)
4)
Issue: 12 C1F
Date: 18-7-2012
Tighter aging may be
available please enquire.
Leave blank for standard
aging.
For quotations or further information please contact us at:
ISO9001 Registered
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
http:www.actcrystals.com
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0900 = 9MHz.Whereas
10.000MHz is 1000 )
SERIES : ACT320SMX-4 Part numbering code is BN
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available.
ACT are always happy to consider truly custom specification parts which may require non-standard
specification parameters, specific testing, customer requested AQL requirements, non standard
packaging or taping and reeling and custom marking. Such devices would normally be allocated a
custom specification part number which is wholly customer specific.
( EG A 12 00MH
t
ACT320SMX 4 d i
h
t
b
h
BN1200C C1122 PF)
Operating
Temperature
Range (ºC)
Mode
Frequency
To 54MHz
1st four
digits of Frequency
Stability Over
Operating
Temperature (ºC)
Tolerance (±pm)
@ 25ºC
A guide to availability of tighter stabilities appears on page one of this data sheet in Table 2
Examples
12.000MHz=1200
54.9999MHz=5499
BN1200IKGROFD-PF 12.00MHz
Full Example Part Number
NB:
It is important to
suffix the above
part number with
the full frequency
required to give a
completed part
number as
illustrated below
Load
Capacitance
( pF or Series
Resonance)
RO
(16pF)
RoHS
Comp'
F
(Fund')
-40~+85°C // ±30ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±20ppm
-20~+70°C // ±10ppm
-40~+85°C // ±15ppm
-20~+70°C // ±10ppm
-40~+85°C // ±15ppm
-20~+70°C // ±10ppm
Tightest Stability v
Temperature
Available
Min
Tolerance
Available
Max ESR
Frequency range
±10ppm
±10ppm
±10ppm
±10ppm
50Ω
40Ω
30Ω
25Ω
19MHz ≤ fo <22MHz
22MHz ≤ fo <25MHz
25MHz ≤ fo <32MHz
32MHz ≤ fo <54MHz
12MHz ≤ fo <15MHz
15MHz ≤ fo <19MHz
80Ω
70Ω
±10ppm
±10ppm
Stability
Temp
Only available for
frequencies ≥30MHz
+/- 20ppm
-20~+85°C

≥+/- 30ppm
0~+50°C
+/- 5ppm +/- 10ppm +/- 15ppm


-20~+70°C

-10+60°C

-30~+80°C
-40~+85°C

Available stabilities
See Table 2




Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn