Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9403A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 9403A
Description  First-In First-Out (FIFO) Buffer Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

9403A Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Block Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D8
Parallel Data Inputs
2.0/0.667
40
µA/400 µA
DS
Serial Data Input
2.0/0.667
40
µA/400 µA
PL
Parallel Load Input
2.0/0.667
40
µA/400 µA
CPSI
Serial Input Clock
2.0/0.667
40
µA/400 µA
IES
Serial Input Enable
2.0/0.667
40
µA/400 µA
TTS
Transfer to Stack Input
2.0/0.667
40
µA/400 µA
OES
Serial Output Enable
2.0/0.667
40
µA/400 µA
TOS
Transfer Out Serial
2.0/0.667
40
µA/400 µA
TOP
Transfer Out Parallel
2.0/0.667
40
µA/400 µA
MR
Master Reset
2.0/0.667
40
µA/400 µA
OE
Output Enable
2.0/0.667
40
µA/400 µA
CPSO
Serial Output Clock
2.0/0.667
40
µA/400 µA
Q0 - Q3
Parallel Data Outputs
285/26.7
5.7 mA/16 mA
QS
Serial Data Output
285/26.7
5.7 mA/16 mA
IRF
Input Register Full
20/13.3
−400 µA/8 mA
ORE
Output Register Empty
20/13.3
−400 µA/8 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn