Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACEDW01 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACEDW01
Description  One Cell Lithium-ion/Polymer Battery Protection IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACEDW01 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACEDW01 Datasheet HTML 1Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 2Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 3Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 4Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 5Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 6Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 7Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 8Page - ACE Technology Co., LTD. ACEDW01 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ACEDW01
One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
1
Description
This protection IC was developed for use with lithium-ion/lithium polymer 1-cell serial batteries.
It detects overcharge, overdischarge, discharge overcurrent and other abnormalities, and functions to
protect the battery by turning off the external MOSFET.
The IC also has a built-in timer circuit (for detection delay times), so fewer external parts can be used in
protection circuit configuration.
Features
1.
High-accuracy voltage detection circuit
Overcharge detection voltage 4.200 to 4.400V Accuracy: ±50Mv
Overcharge release voltage 3.900 to 4.400V Accuracy: ±50mV
Overdischarge detection voltage 2.30 to 3.00V Accuracy: ±100mV
Overdischarge release voltage 2.30 to 3.40V Accuracy: ±100mV
Discharge overcurrent detection voltage 150mV Accuracy: ±100mV
Short-circuiting detection voltage 1.35V Accuracy: ±100mV
2.
Delay times are generated by an internal circuit (external capacitors are unnecessary).
Overcharge delay time 100ms typ.
Overdischarge delay time 50ms typ.
Discharge overcurrent delay time 10ms typ.
Charge overcurrent detection voltage 10ms typ.
Short circuit delay time 5μs typ.
3.
Power-down function“Yes”/ No”are selectable (See Model List).
4.
Auto overdischarge recovery function “Yes”/ “No” are selectable (See Model List).
5.
Low current consumption
Operation mode 3.0μA typ., 6.0μA max. (VCC=3.9V)
Power-down mode 0.1μA max. (VCC=2.0V)
Auto overdischarge mode 2.0μA max. (VCC=2.0V)
6.
0 V battery charge function “available” / “unavailable” are selectable (See Model List).
7. operation temperature range -40℃~+85℃


Similar Part No. - ACEDW01

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACEDC3904B ACE-ACEDC3904B Datasheet
642Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACEDC6904B ACE-ACEDC6904B Datasheet
916Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACEDW01

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5453 HMSEMI-HM5453 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5433A HMSEMI-HM5433A Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com