Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1550B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE1550B
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1550B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE1550B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1550B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE1550B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
6
Packing Information
SOT-523
Unit:mm
Dim.
Min.
Typ.
Max.
A
0.1
0.2
0.3
B
1.10
1.20
1.30
C
0.17
0.22
0.27
D
0.95
1.00
1.05
E
0.09
0.125
0.16
F
0.525
0.575
0.60
G
1.5
1.6
1.7


Similar Part No. - ACE1550B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1551A ACE-ACE1551A Datasheet
582Kb / 7P
   N-Channel Enhancement Mode MOSFET
VER 1.3
ACE1551B ACE-ACE1551B Datasheet
669Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE1557B ACE-ACE1557B Datasheet
601Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
More results

Similar Description - ACE1550B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com