Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPC909 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MPC909
Description  LOW VOLTAGE CMOS 1:18 CLOCK DISTRIBUTION CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC909 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPC909
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%, or 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
Note 1., IOH = –20MA
VOL
Output LOW Voltage
0.5
V
Note 1., IOL = 20MA
IIN
Input Current
TBD
µA
CIN
Input Capacitance
TBD
pF
Cpd
Power Dissipation Capacitance
TBD
pF
ICC
Maximum Quiescent Supply Current
TBD
mA
1. The MPC909 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge.
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%, or 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
100
MHz
Note 2.
tpd
Propagation Delay
LVCMOS_CLK to Q
OE to Q
1.0
1.0
5.0
8.0
ns
Note 2.
tsk(o)
Output–to–Output Skew
250
ps
Note 2.
tpwo
Output Pulse Width
45
55
%
Note 2.,
Measured at VCC/2
tr, tf
Output Rise/Fall Time
0.20
1.0
ns
0.8V to 2.0V
2. Driving 50
Ω transmission lines


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC940LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC940LLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC9109LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc
MPC942CLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 Motorola, Inc
ASM2I9940LLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM2I9942CLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM2I9942PLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
MPC941LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC947LOW VOLTAGE 1:9 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc
MPC948LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn