Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPC909 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MPC909
Description  LOW VOLTAGE CMOS 1:18 CLOCK DISTRIBUTION CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC909 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MPC909
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
4
OUTLINE DIMENSIONS
FA SUFFIX
TQFP PACKAGE
CASE 873A–02
ISSUE A
DETAIL Y
A
S1
V
B
1
8
9
17
25
32
AE
AE
P
DETAIL Y
BASE
N
J
D
F
METAL
SECTION AE–AE
G
SEATING
PLANE
R
Q
_
W
K
X
E
C
H
DETAIL AD
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE –AB– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DATUMS –T–, –U–, AND –Z– TO BE DETERMINED
AT DATUM PLANE –AB–.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE –AC–.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 (0.010) PER SIDE. DIMENSIONS A AND B
DO INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –AB–.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.520 (0.020).
8. MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076 (0.0003).
9. EXACT SHAPE OF EACH CORNER MAY VARY
FROM DEPICTION.
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.000 BSC
0.276 BSC
MILLIMETERS
B
7.000 BSC
0.276 BSC
C
1.400
1.600
0.055
0.063
D
0.300
0.450
0.012
0.018
E
1.350
1.450
0.053
0.057
F
0.300
0.400
0.012
0.016
G
0.800 BSC
0.031 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.400 BSC
0.016 BSC
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
__
__
_
_
DETAIL AD
A1
B1
V1
4X
S
4X
B1
3.500 BSC
0.138 BSC
A1
3.500 BSC
0.138 BSC
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
9
–T–
–Z–
–U–
T–U
0.20 (0.008)
Z
AC
T–U
0.20 (0.008)
Z
AB
0.10 (0.004) AC
–AC–
–AB–
M
_
8X


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC940LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC940LLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC9109LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc
MPC942CLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 Motorola, Inc
ASM2I9940LLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM2I9942CLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
ASM2I9942PLow Voltage 1:18 Clock Distribution Chip 1 2 3 4 5 MoreAlliance Semiconductor Corporation
MPC941LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 Motorola, Inc
MPC947LOW VOLTAGE 1:9 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc
MPC948LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn