Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25C512 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25C512
Description  512K-BIT Serial Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25C512 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ACE25C512
512K-BIT Serial Flash Memory
VER 1.2
2
Packaging Type
SOP-8
TSSOP-8
TDFN (2*3mm)
Pin Configurations
Note: 1. DQ0 and DQ1 are used for Dual SPI instructions.
Pin No
Pin Number
I/O
Function
1
CS#
I
Chip select input
2
DO(DQ1)
I/O
Data output (Data input output 1)
(1)
3
WP#
I
Write protect input
4
GND
Ground
5
DI(DQ0)
I/O
Data input (Data input output 0)
(1)
6
CLK
I
Serial clock input
7
HOLD#
I
Hold input
8
VCC
Power supply


Similar Part No. - ACE25C512

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
   Uniform Sector Dual and Quad Serial Flash
VER 1.5
More results

Similar Description - ACE25C512

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
ELM Electronics
GD25D05B ELM-GD25D05B Datasheet
2Mb / 28P
   512K-bit Serial Flash
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Macronix International
MX25U1001E MCNIX-MX25U1001E Datasheet
951Kb / 42P
   512K-BIT [x 1/x 4] CMOS MXSMIO??SERIAL FLASH MEMORY
MX25L512EZUI-10G MCNIX-MX25L512EZUI-10G Datasheet
1Mb / 91P
   512K-BIT [x 1/x 2] CMOS SERIAL NOR FLASH MEMORY
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com