Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT240ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT240ASJ
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT240ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT240ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT240ASJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 1997
Revised March 1999
© 1999 Fairchild Semiconductor Corporation
DS500002.prf
www.fairchildsemi.com
74VHCT240A
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHCT240A is an advanced high speed CMOS octal
bus transceiver fabricated with silicon gate CMOS technol-
ogy. It achieves high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation. The VHCT240A is an inverting 3-STATE
buffer having two active-LOW output enables. This device
is designed to be used as 3-STATE memory address driv-
ers, clock drivers, and bus oriented transmitter/receivers.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. These circuits prevent device destruction
due to mismatched supply and input/output voltages. This
device can be used to interface 5V to 3V systems and two
supply systems such as battery back up.
Note 1: Outputs in OFF-State
Features
s High Speed: tPD = 5.6 ns (typ) at VCC = 5V
s Power down protection is provided on inputs and
outputs
s Low power dissipation: ICC = 4 µA (max) @ TA = 25°C
s Pin and function compatible with 74HCT240
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74VHCT240AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74VHCT240ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT240AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT240AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable
I0–I7
Inputs
O0–O7
Outputs 3-STATE Outputs


Similar Part No. - 74VHCT240ASJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHCT240ASJ ONSEMI-74VHCT240ASJ Datasheet
236Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT240ASJ FAIRCHILD-74VHCT240ASJ_07 Datasheet
233Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHCT240ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com