Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25C200 Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
8
Figure 4 Status Register
WIP Bit
WIP is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register. During this time the
device will ignore further instructions except for the Read Status Register and Er ase/Program
Suspend instruction (see tW, tPP, tSE, tBE, and tCE in “12.6 AC Electrical Characteristics”). When the
program, erase or write status register (or security sector) instruction has completed, the WIP bit will
be cleared to a 0 state indicating the device is ready for further instructions.
Write Enable Latch bit (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to 0 when the devi ce is write disabled. A write
disable state occurs upon power-up or after any of the following instructions: Write Disable, Page
Program, Sector Erase, Block Erase, Chip Erase, Write Status Register.
Block Protect Bits (BP2, BP1,BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3,
and S2) that provide Write Protection control and status. Block Protect bits can be set using the Write
Status Register Instruction (see tW in “12.6 AC Electrical Characteristics”). All, none or a portion of the
memory array can be protected from Program and Erase instructions (see Table 2 Status Register
Memory Protection). The factory default setting for the Block Protection Bits is 0, none of the array
protected.


Similar Part No. - ACE25C200

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25C200

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25P20-VMN6TPBA MICRON-M25P20-VMN6TPBA Datasheet
497Kb / 45P
   Micron M25P20 2Mb 3V Serial Flash Embedded Memory
M25P20-VMN6TPB MICRON-M25P20-VMN6TPB Datasheet
592Kb / 45P
   Micron M25P20 2Mb 3V Serial Flash Embedded Memory
logo
Sharp Corporation
ID240D01 SHARP-ID240D01 Datasheet
1Mb / 36P
   2MB Flash Memory Card
ID244D01 SHARP-ID244D01 Datasheet
2Mb / 38P
   2MB Flash Memory Card
ID243D01 SHARP-ID243D01 Datasheet
2Mb / 33P
   2MB Flash Memory Card
logo
PHOENIX CONTACT
2729389 PHOENIX-2729389 Datasheet
53Kb / 2P
   Memory - IBS MC FLASH 2MB
09/12/2020
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com