Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACE25C200 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part No. ACE25C200
Description  2MB Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
7
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and
other adverse system conditions that may compromise data integrity. To address this concern, the
ACE25C200 provides several means to protect the data from inadvertent writes.
Write Protect Features
Device resets when VCC is below threshold
Time delay write disable after Power-up
Write enable/disable instructions and automatic write disable after erase or program
Software and Hardware (WP# pin) write protection using Status Register
Write Protection using Power-down instruction
Lock Down write protection for Status Register until the next power -up
One Time Program (OTP) write protection for array and Security Sectors using Status Register.
Upon power-up or at power-down, the ACE25C200 will maintain a reset condition while VCC is
below the threshold value of VWI, (See “12.3 Power-up Timing” and Figure 23). While reset, all
operations are disabled and no instructions are recognized. During power -up and after the VCC
voltage exceeds VWI, all program and erase related instructions are further disabled for a time delay
of tPUW. This includes the Write Enable, Page Program, Sector Erase, Block Erase, Chip Erase and
the Write Status Register instructions. Note that the chip select pin (CS#) must track the VCC supply
level at power-up until the VCC-min level and tVSL time delay is reached. If needed a pull-up resister
on CS# can be used to accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register
Write Enable Latch (WEL) set to a 0. A Write Enable instruction must be issued before a Page
Program, Sector Erase, Block Erase, Chip Erase or Write Status Register instruction will be accepted.
After completing a program, erase or write instruction the Write Enable Latch (WEL) is automatically
cleared to a write-disabled state of 0.
Software controlled write protection is facilitated using the Write Status Register instruction and
setting the Status Register Protect (SRP) and Block Protect (BP2, BP1 and BP0) bits. These settings
allow a portion as small as a 4KB sector or the entire memory array to be configured as read only.
Used in conjunction with the Write Protect (WP#) pin, changes to the Status Register can be enabled
or disabled under hardware control. See Status Register section for further information. Additionally,
the Power-down instruction offers an extra level of write protection as all instructions are ignored
except for the Release Power-down instruction.
Status Register
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, the state of write protection, Security Sector
lock status. The Write Status Register instruction can be used to configure the device write protection
features and Security Sector OTP lock. Write access to the Status Register is control led by the state
of the non-volatile Status Register Protect bit (SRP), the Write Enable instruction, and the WP# pin.
Factory default for all Status Register bits are 0.


Similar Part No. - ACE25C200

ManufacturerPart No.DatasheetDescription
ACE Technology Co., LTD.
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25C200

ManufacturerPart No.DatasheetDescription
Sharp Corporation
Sharp Corporation
ID240D01 SHARP-ID240D01 Datasheet
1Mb / 36P
   2MB Flash Memory Card
ID243D01 SHARP-ID243D01 Datasheet
2Mb / 33P
   2MB Flash Memory Card
ID244D01 SHARP-ID244D01 Datasheet
2Mb / 38P
   2MB Flash Memory Card
Micron Technology
Micron Technology
M25P20-VMN6TPBA MICRON-M25P20-VMN6TPBA Datasheet
497Kb / 45P
   Micron M25P20 2Mb 3V Serial Flash Embedded Memory
M25P20-VMN6TPB MICRON-M25P20-VMN6TPB Datasheet
592Kb / 45P
   Micron M25P20 2Mb 3V Serial Flash Embedded Memory
PHOENIX CONTACT
PHOENIX CONTACT
2729389 PHOENIX-2729389 Datasheet
53Kb / 2P
   Memory - IBS MC FLASH 2MB
09/12/2020
Ramtron International Corporation
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
Cypress Semiconductor
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
Ramtron International Corporation
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz