Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9230A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C9230A
Description  3C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C9230A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C9230A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision Date:
A.
B.
C.
D.
2
RED
3
WHITE
ITEM
COLOR
1
BLACK
Conductor DCR:
6.18 Ohms/M' @ 20°C (Nom)
Mutual Capacitance:
35.8 pF/ft. @ 1 kHz (Nom)
COLOR CODE
CSA International
Type CMG
ELECTRICAL PROPERTIES
Temperature:
CM/CMG: 105C, AWM: 80C
Suggested Working Voltage:
300V
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
Jacket:
.032" Polyvinyl Chloride (PVC) jacket
Ripcord under Jacket"
.259" Nom
Print Legend:
CAROL® EXZEL™ -- C9230A -- 3C 18 AWG SHIELDED
E105765-H (UL) TYPE CM 105C OR AWM 2464 80C 300V
VW-1 --- LL69381 CSA TYPE CMG 105C FT4 -- CE --
-- ROHS -- MADE IN USA
(DATE CODE) (TRUMARK SEQUENTIAL FOOTAGE)
Cable Core:
Cable 3/C @ 2.50" LHL w/ clear polyester wrap
.173" Nom
Shield:
18AWG 16/30 TC Drain wire, Aluminum / Polyester / Aluminum 100%
coverage
Braid:
70% Tinned Copper Braid
CONSTRUCTION
DIAMETERS
Conductor:
#18 AWG 16/30 Tinned Copper
.046" Nom
Insulation:
.016" Polyvinyl Chloride (PVC)
.078" Nom
Product Data Sheet
Part Number:
C9230A
9/5/2012
3C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C9230A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
   4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9232A GENERAL-C9232A Datasheet
70Kb / 1P
   6C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9233A GENERAL-C9233A Datasheet
70Kb / 1P
   8C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
More results

Similar Description - C9230A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9129A GENERAL-C9129A Datasheet
71Kb / 1P
   3C 18 AWG 16/30 TC PVC / OAS / PVC
C9228A GENERAL-C9228A Datasheet
70Kb / 1P
   2C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9232A GENERAL-C9232A Datasheet
70Kb / 1P
   6C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
   4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9210A GENERAL-C9210A Datasheet
69Kb / 1P
   3C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9233A GENERAL-C9233A Datasheet
70Kb / 1P
   8C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9030A GENERAL-C9030A Datasheet
71Kb / 1P
   3C 18 AWG 16/30 TC PVC / PVC
C9219A GENERAL-C9219A Datasheet
69Kb / 1P
   3C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9201A GENERAL-C9201A Datasheet
69Kb / 1P
   3C 24 AWG 7/32 TC PVC / OAS / Braid / PVC
C9127A GENERAL-C9127A Datasheet
71Kb / 1P
   2C 18 AWG 16/30 TC PVC / OAS / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com