Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9211A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C9211A
Description  4C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C9211A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C9211A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision Date:
A.
B.
C.
D.
4
ORANGE
2
BROWN
3
RED
ITEM
COLOR
1
BLACK
Conductor DCR:
16.89 Ohms/M' @ 20°C (Nom)
Mutual Capacitance:
35.9 pF/ft. @ 1 kHz (Nom)
COLOR CODE
CSA International
Type CMG
ELECTRICAL PROPERTIES
Temperature:
CM/CMG: 105C, AWM: 80C
Suggested Working Voltage:
300V
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
Jacket:
.032" Polyvinyl Chloride (PVC) jacket
Ripcord under Jacket"
.210" Nom
Print Legend:
CAROL® EXZEL™ -- C9211A -- 4C 22 AWG SHIELDED
E105765-H (UL) TYPE CM 105C OR AWM 2464 80C 300V
VW-1 --- LL69381 CSA TYPE CMG 105C FT4 -- CE --
-- ROHS -- MADE IN USA
(DATE CODE) (TRUMARK SEQUENTIAL FOOTAGE)
Cable Core:
Cable 4/C @ 1.75" LHL w/ clear polyester wrap
.124" Nom
Shield:
22AWG 7/30 TC Drain wire, Aluminum / Polyester / Aluminum 100%
coverage
Braid:
70% Tinned Copper Braid
CONSTRUCTION
DIAMETERS
Conductor:
#22 AWG 7/30 Tinned Copper
.029" Nom
Insulation:
.010" Polyvinyl Chloride (PVC)
.049" Nom
Product Data Sheet
Part Number:
C9211A
9/5/2012
4C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C9211A

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C921 PERKINELMER-C921 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
logo
General Cable Technolog...
C9210A GENERAL-C9210A Datasheet
69Kb / 1P
   3C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9212A GENERAL-C9212A Datasheet
70Kb / 1P
   6C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9213A GENERAL-C9213A Datasheet
70Kb / 1P
   8C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9214A GENERAL-C9214A Datasheet
70Kb / 1P
   10C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
More results

Similar Description - C9211A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9111A GENERAL-C9111A Datasheet
71Kb / 1P
   4C 22 AWG 7/30 TC PVC / OAS / PVC
C9210A GENERAL-C9210A Datasheet
69Kb / 1P
   3C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9212A GENERAL-C9212A Datasheet
70Kb / 1P
   6C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9216A GENERAL-C9216A Datasheet
70Kb / 1P
   20C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9213A GENERAL-C9213A Datasheet
70Kb / 1P
   8C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9214A GENERAL-C9214A Datasheet
70Kb / 1P
   10C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9215A GENERAL-C9215A Datasheet
70Kb / 1P
   15C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9220A GENERAL-C9220A Datasheet
69Kb / 1P
   4C 20 AWG 7/0.121 TC PVC / OAS / Braid / PVC
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
   4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
   4C 22 AWG 7/30 TC PVC / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com