Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9135A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C9135A
Description  15C 18 AWG 16/30 TC PVC / OAS / PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C9135A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C9135A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision Date:
A.
B.
C.
D.
8
YELLOW
9
PURPLE
10
GRAY
5
ORANGE
6
BLUE
7
BROWN
3
WHITE
14
RED with YELLOW stripe
4
GREEN
15
RED with BLACK stripe
1
BLACK
12
TAN
2
RED
13
RED with GREEN stripe
Mutual Capacitance:
32.9 pF/ft. @ 1 kHz
COLOR CODE
ITEM
COLOR
11
PINK
ELECTRICAL PROPERTIES
Temperature:
CM/CMG: 105C, AWM: 80C
Suggested Working Voltage:
300V
Conductor DCR:
6.81 Ohms/M' @ 20°C
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
CSA International
Type CMG
Print Legend:
CAROL® EXZEL™ -- C9135A -- 15C 18 AWG SHIELDED
E105765-H (UL) TYPE CM 105C OR AWM 2464 80C 300V
VW-1 --- LL69381 CSA TYPE CMG 105C FT4 -- CE --
-- ROHS -- MADE IN USA
(DATE CODE) (TRUMARK SEQUENTIAL FOOTAGE)
INDUSTRY APPROVALS
National Electrical Code
Article 800
Cable Core:
Cable 15/C @ 5.50" LHL w/ clear polyester wrap
.377" Nom
Shield:
18AWG 16/30 TC Drain wire, Aluminum / Polyester foil facing in, 100%
coverage
Jacket:
.032" Polyvinyl Chloride (PVC) jacket
Ripcord under Jacket"
.441" Nom
CONSTRUCTION
DIAMETERS
Conductor:
#18 AWG 16/30 Tinned Copper
.046" Nom
Insulation:
.016" Polyvinyl Chloride (PVC)
.078" Nom
Product Data Sheet
Part Number:
C9135A
12/12/2012
15C 18 AWG 16/30 TC PVC / OAS / PVC
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C9135A

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9130 CISCO-C9130 Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
C9130AXI CISCO-C9130AXI Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
logo
General Cable Technolog...
C9131A GENERAL-C9131A Datasheet
71Kb / 1P
   4C 18 AWG 16/30 TC PVC / OAS / PVC
C9132A GENERAL-C9132A Datasheet
71Kb / 1P
   6C 18 AWG 16/30 TC PVC / OAS / PVC
C9133A GENERAL-C9133A Datasheet
71Kb / 1P
   8C 18 AWG 16/30 TC PVC / OAS / PVC
More results

Similar Description - C9135A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9035A GENERAL-C9035A Datasheet
72Kb / 1P
   15C 18 AWG 16/30 TC PVC / PVC
C9115A GENERAL-C9115A Datasheet
71Kb / 1P
   15C 22 AWG 7/30 TC PVC / OAS / PVC
C9129A GENERAL-C9129A Datasheet
71Kb / 1P
   3C 18 AWG 16/30 TC PVC / OAS / PVC
C9127A GENERAL-C9127A Datasheet
71Kb / 1P
   2C 18 AWG 16/30 TC PVC / OAS / PVC
C9131A GENERAL-C9131A Datasheet
71Kb / 1P
   4C 18 AWG 16/30 TC PVC / OAS / PVC
C9133A GENERAL-C9133A Datasheet
71Kb / 1P
   8C 18 AWG 16/30 TC PVC / OAS / PVC
C9134A GENERAL-C9134A Datasheet
71Kb / 1P
   10C 18 AWG 16/30 TC PVC / OAS / PVC
C9132A GENERAL-C9132A Datasheet
71Kb / 1P
   6C 18 AWG 16/30 TC PVC / OAS / PVC
C9215A GENERAL-C9215A Datasheet
70Kb / 1P
   15C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9232A GENERAL-C9232A Datasheet
70Kb / 1P
   6C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com