Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHCT00A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHCT00A
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VHCT00A Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: CPD is defined as the value of the internal equivalent capacitance, which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.)
CPD * VCC * fIN  ICC/4 (per gate)
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
r 0.5
5.0
6.9
1.0
8.0
ns
CL 15 pF
tPHL
5.57.9
1.09.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation Capacitance
17
pF
(Note 8)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74LCX00LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreON Semiconductor
74ABT00Quad 2-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74ALS00AQuad 2-Input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74VHC00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
DM74S00Quad 2-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
HCS00MSRadiation Hardened Quad 2-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
SN54LS03QUAD 2-INPUT NAND GATE 1 2 3 4 Motorola, Inc
74LVQ00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn