Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC86M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC86M
Description  Quad 2-Input Exclusive-OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC86M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC86M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC86M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011517
www.fairchildsemi.com
November 1992
Revised February 2005
74VHC86
Quad 2-Input Exclusive-OR Gate
General Description
The VHC86 is an advanced high speed CMOS Quad
Exclusive OR Gate fabricated with silicon gate CMOS tech-
nology. It achieves the high speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and on two supply systems such as battery back up. This
circuit prevents device destruction due to mismatched sup-
ply and input voltages.
Features
s High Speed: tPD 4.8 ns (typ) at VCC 5V
s Low Power Dissipation: ICC 2 PA (Max.) @ TA 25qC
s High Noise Immunity: VNIH VNIL 28% VCC (Min.)
s Power down protection is provided on all inputs
s Low Noise: VOLP 0.8V (Max.)
s Pin and Function Compatible with 74HC86
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STS-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package
Package Description
Number
74VHC86M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC86SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC86MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHC86N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
A0–A3
Inputs
B0–B3
Inputs
O0–O3
Outputs
AB
O
LLL
LH
H
HL
H
HH
L


Similar Part No. - 74VHC86M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC86M STMICROELECTRONICS-74VHC86M Datasheet
71Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Fairchild Semiconductor
74VHC86MTC FAIRCHILD-74VHC86MTC_08 Datasheet
298Kb / 10P
   Quad 2-Input Exclusive-OR Gate
logo
STMicroelectronics
74VHC86MTR STMICROELECTRONICS-74VHC86MTR Datasheet
71Kb / 8P
   QUAD EXCLUSIVE OR GATE
74VHC86MTR STMICROELECTRONICS-74VHC86MTR Datasheet
230Kb / 11P
   QUAD EXCLUSIVE OR GATE
logo
Fairchild Semiconductor
74VHC86M FAIRCHILD-74VHC86M_08 Datasheet
298Kb / 10P
   Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 74VHC86M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com