Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6D4AVT08AC Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MCIMX6D4AVT08AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6D4AVT08AC Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MCIMX6D4AVT08AC Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX6D4AVT08AC Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 166 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2
94
Freescale Semiconductor
Electrical Characteristics
4.11.9
I2C Module Timing Parameters
This section describes the timing parameters of the I2C module. Figure 64 depicts the timing of I2C
module, and Table 66 lists the I2C module timing characteristics.
Figure 64. I2C Bus Timing
t
F
Differential output signal fall time 20–80%
RL = 50
See Figure 63.
75
0.4 UI
ps
Differential signal overshoot
Referred to 2x V
SWING
——
15
%
Differential signal undershoot
Referred to 2x V
SWING
——
25
%
Data and Control Interface Specifications
tPower-up
2
HDMI 3D Tx PHY power-up time From power-down to
HSI_TX_READY assertion
3.35
ms
1 Relative to ideal recovery clock, as specified in the HDMI specification, version 1.4a, section 4.2.3.
2 For information about latencies and associated timings, see Section 4.11.7.1, “Latencies and Timing Information.”
Table 66. I2C Module Timing Parameters
ID
Parameter
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
IC1
I2Cx_SCL cycle time
10
2.5
µs
IC2
Hold time (repeated) START condition
4.0
0.6
µs
IC3
Set-up time for STOP condition
4.0
0.6
µs
IC4
Data hold time
01
3.452
01
0.92
µs
IC5
HIGH Period of I2Cx_SCL Clock
4.0
0.6
µs
IC6
LOW Period of the I2Cx_SCL Clock
4.7
1.3
µs
IC7
Set-up time for a repeated START condition
4.7
0.6
µs
IC8
Data set-up time
250
1003
—ns
Table 65. Switching Characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC10
IC11
IC9
IC2
IC8
IC4
IC7
IC3
IC6
IC10
IC5
IC11
START
STOP
START
START
I2Cx_SDA
I2Cx_SCL
IC1


Similar Part No. - MCIMX6D4AVT08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
More results

Similar Description - MCIMX6D4AVT08AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com