Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6D4AVT10AC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MCIMX6D4AVT10AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6D4AVT10AC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MCIMX6D4AVT10AC Datasheet HTML 55Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 56Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 57Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 58Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 59Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 60Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 61Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 62Page - Freescale Semiconductor, Inc MCIMX6D4AVT10AC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 166 page
background image
Electrical Characteristics
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2
Freescale Semiconductor
59
WE40
EIM_LBA_B Invalid to EIM_CSx_B
Invalid (ADVL is asserted)
WE7 - WE15 - CSN
3 - CSN
ns
WE40A
(muxed
A/D)
EIM_CSx_B Valid to EIM_LBA_B
Invalid
WE14 - WE6 + (ADVN + ADVA +
1 - CSA)
-3 + (ADVN +
ADVA + 1 - CSA)
3 + (ADVN + ADVA + 1
- CSA)
ns
WE41
EIM_CSx_B Valid to Output Data
Valid
WE16 - WE6 - WCSA
3 - WCSA
ns
WE41A
(muxed
A/D)
EIM_CSx_B Valid to Output Data
Valid
WE16 - WE6 + (WADVN +
WADVA + ADH + 1 - WCSA)
3 + (WADVN +
WADVA + ADH + 1 -
WCSA)
ns
WE42
Output Data Invalid to EIM_CSx_B
Invalid
WE17 - WE7 - CSN
3 - CSN
ns
MAXCO Output maximum delay from
internal driving
EIM_ADDRxx/control flip-flops to
chip outputs.
10
ns
MAXCSO Output maximum delay from
internal chip selects driving
flip-flops to EIM_CSx_B out.
10
MAXDI
EIM_DATAxx MAXIMUM delay
from chip input data to its internal
flip-flop
5—
WE43
Input Data Valid to EIM_CSx_B
Invalid
MAXCO - MAXCSO + MAXDI
MAXCO -
MAXCSO +
MAXDI
—ns
WE44
EIM_CSx_B Invalid to Input Data
Invalid
00
ns
WE45
EIM_CSx_B Valid to EIM_EBx_B
Valid (Write access)
WE12 - WE6 + (WBEA - WCSA)
3 + (WBEA - WCSA)
ns
WE46
EIM_EBx_B Invalid to EIM_CSx_B
Invalid (Write access)
WE7 - WE13 + (WBEN - WCSN)
-3 + (WBEN - WCSN)
ns
MAXDTI Maximum delay from
EIM_DTACK_B input to its internal
flip-flop + 2 cycles for
synchronization
10
WE47
EIM_DTACK_B Active to
EIM_CSx_B Invalid
MAXCO - MAXCSO + MAXDTI
MAXCO -
MAXCSO +
MAXDTI
—ns
WE48
EIM_CSx_B Invalid to
EIM_DTACK_B invalid
00
ns
1 For more information on configuration parameters mentioned in this table, see the i.MX 6Solo/6DualLite reference manual
(IMX6DQRM).
Table 42. EIM Asynchronous Timing Parameters Relative Chip Select1, 2 (continued)
Ref No.
Parameter
Determination by
Synchronous measured
parameters
Min
Max
(If 132 MHz is
supported by SoC)
Unit


Similar Part No. - MCIMX6D4AVT10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6D4AVT10AC NXP-MCIMX6D4AVT10AC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
MCIMX6D4AVT10AC NXP-MCIMX6D4AVT10AC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
MCIMX6D4AVT10AC NXP-MCIMX6D4AVT10AC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
More results

Similar Description - MCIMX6D4AVT10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com