Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 28012
Description  For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  28012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28012 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Important:
Power transmission by toothed belt via ball bearings, housed in sturdy casing, ensures the
right blade speed for the job (approx. 5,000rpm) with a doubling of torque (approx.). Above
all, it ensures good cutting depth.
Graduated mitre stop.
Machined, die-cast
aluminium table of 160 x
160mm.
Quiet, high performance
VDE approved motor for
prolonged use.
Base of ABS with a
sawdust door on the
right.
Super-cut blade 58mm
diameter, 80 teeth,
individually set and
sharpened, is included.
Adjustable fence with
scale.
Very important when
sawing: our vacuum
cleaner adaptor for a
cleaner work
environment. We
recommend the use of
our vacuum cleaner
controller AS/E or our
compact workshop
vacuum cleaner CW-
matic.
Saw blades for bench circular saw KS 230


Similar Part No. - 28012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2801248 PHOENIX-2801248 Datasheet
167Kb / 10P
   Surge protection device - PT-IQ-2X1F-24DC-PT
09/12/2020
2801255 PHOENIX-2801255 Datasheet
178Kb / 10P
   Surge protection device - PT-IQ-1X2-24DC-PT
09/12/2020
2801256 PHOENIX-2801256 Datasheet
163Kb / 10P
   Surge protection device - PT-IQ-1X2F-24DC-PT
09/12/2020
2801263 PHOENIX-2801263 Datasheet
166Kb / 10P
   Surge protection device - PT-IQ-2X2-24DC-PT
09/12/2020
2801271 PHOENIX-2801271 Datasheet
172Kb / 10P
   Surge protection device - PT-IQ-4X1-24DC-PT
09/12/2020
More results

Similar Description - 28012

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
logo
Hirose Electric
IC13T-68D-FEJ HIROSE-IC13T-68D-FEJ Datasheet
216Kb / 8P
   FPC Connectors for CardBus PC Cards
HB-HRM-JJ HIROSE-HB-HRM-JJ Datasheet
36Kb / 1P
   Cuts DC and Supplies Voltage
logo
Kingston Technology Far...
MKF-951 KINGSTON-MKF-951 Datasheet
3Mb / 2P
   Perfect storage solutions for system designers and builders
OM8PDP364B-A01 KINGSTON-OM8PDP364B-A01 Datasheet
29Mb / 2P
   Perfect storage solutions for system designers and builders
logo
ALPS ELECTRIC CO.,LTD.
SCAK ALPS-SCAK Datasheet
493Kb / 3P
   Connector for Connection with PC Cards Supporting CardBus
logo
Kingston Technology Far...
OM8PGP4128P-A0 KINGSTON-OM8PGP4128P-A0 Datasheet
300Kb / 2P
   Perfect storage solutions for system designers and builders
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
logo
Kingston Technology Far...
OCP0S3128Q-A0 KINGSTON-OCP0S3128Q-A0 Datasheet
3Mb / 2P
   Perfect storage solutions for system designers and builders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com