Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC595 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74VHC595
Description  8-Bit Shift Register with Output Latches
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VHC595 Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
± 0.3
3.5
3.5
ns
(SER–SCK)
5.0
± 0.5
3.0
3.0
tS
Minimum Setup Time
3.3
± 0.3
8.0
8.5
ns
(SCK–RCK)
5.0
± 0.5
5.0
5.0
tS
Minimum Setup Time
3.3
± 0.3
8.0
9.0
ns
(SCLR –RCK)
5.0
± 0.5
5.0
5.0
tH
Minimum Hold Time
3.3
± 0.3
1.5
1.5
ns
(SER–SCK)
5.0
± 0.5
2.0
2.0
tH
Minimum Hold Time
3.3
± 0.3
0.0
0.0
ns
(SCK–RCK)
5.0
± 0.5
0.0
0.0
tH
Minimum Hold Time
3.3
± 0.3
0.0
0.0
ns
(SCLR –RCK)
5.0
± 0.5
0.0
0.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
(SCLR)
5.0
± 0.5
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
tW(H)
(SCK)
5.0
± 0.5
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
tW(H)
(RCK)
5.0
± 0.5
5.0
5.0
trem
Minimum Removal Time
3.3
± 0.3
3.0
3.0
ns
(SCLR –SCK)
5.0
± 0.5
2.5
2.5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn